Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2623 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2623
Description  Evaluation board for off-line forward converter based on L5991
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2623 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2623 Datasheet HTML 17Page - STMicroelectronics AN2623 Datasheet HTML 18Page - STMicroelectronics AN2623 Datasheet HTML 19Page - STMicroelectronics AN2623 Datasheet HTML 20Page - STMicroelectronics AN2623 Datasheet HTML 21Page - STMicroelectronics AN2623 Datasheet HTML 22Page - STMicroelectronics AN2623 Datasheet HTML 23Page - STMicroelectronics AN2623 Datasheet HTML 24Page - STMicroelectronics AN2623 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AN2623
Experimental results
23/25
14
1
C13
33 nF ceramic capacitor
15
1
Diode bridge1
600 V - 6 A
16
1
DN1
BYT16P-400 STMicroelectronics part + heatsink
17
1
D1
STTH110 STMicroelectronics part
18
1
D2
Diode 1N4148
19
1
D3
Diode Zener Vz=15 V
20
1
FUSE1
4 A
21
1
ISO1
OPTO 1-PC817
22
2
J1
CON2
J2
CON2
23
1
LFILTERIN1
Common Choke, 15 mA
24
1
L1
Inductor, 390 µH-5A
25
1
NTC1
2.5
Ω
26
1
Q1
STW12NK90Z - STMicroelectronics part + heatsink
27
2
RUP1
4.7 k
Ω
RA1
4.7 k
Ω
28
1
RDOWN1
3.6 k
Ω
29
1
R1
220 k
Ω, 1/4 W
30
1
R2
220 k
Ω,1/4 W
31
1
R3
5.6 k
Ω
32
1
R4
50
Ω -1/2 W
33
1
R5
15 k
Ω
34
1
R6
1.2 k
Ω
35
1
R7
20 k
Ω
36
1
R8
2.2 k
Ω
37
1
R9
0.21
Ω
38
1
R10
1.153 k
Ω
39
1
T1
Transformer
40
1
U1
L5991 STMicroelectronics part
41
1
Rg
10
Ω
Table 3.
Bill of material (continued)
Item
Quantity
Reference
Properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com