Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0313 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0313
Description  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0313 Datasheet HTML 15Page - STMicroelectronics UM0313 Datasheet HTML 16Page - STMicroelectronics UM0313 Datasheet HTML 17Page - STMicroelectronics UM0313 Datasheet HTML 18Page - STMicroelectronics UM0313 Datasheet HTML 19Page - STMicroelectronics UM0313 Datasheet HTML 20Page - STMicroelectronics UM0313 Datasheet HTML 21Page - STMicroelectronics UM0313 Datasheet HTML 22Page - STMicroelectronics UM0313 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
UM0313
Graphical User Interface
19/33
3.8
“Map Browsing” tab
The Map Browsing tab (Figure 17) demonstrates the possibility of using the acceleration
data obtained from the sensor to scroll a map (or another type of document) on the screen.
Figure 17.
Map Browsing tab
3.9
“Interrupt” tab
The Interrupt tab (Figure 18) provides a tool for evaluating the interrupt generation features
of the LIS302DL MEMS sensor. In this section of the GUI it is possible to configure the
characteristics of the inertial events that must be recognized by the device and to visualize,
in real-time, the level of the two interrupt lines together with the acceleration signals that are
measured by the device.
The GUI provides direct access to the registers (INT_CFG, INT_SRC, THS and DURATION)
that allow the configuration of the two independent interrupt sources of the device.
Conversion boxes are located on the right most side of the THS and DURATION registers
(ref 1). These boxes are intended to show, respectively, the threshold value expressed in mg
and the duration value converted in msec for better readability and understanding. On the
bottom side of the window (ref 2), the content of the FF_WU_SRC register is reported for an
immediate check of its content.
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com