Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0313 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0313
Description  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0313 Datasheet HTML 19Page - STMicroelectronics UM0313 Datasheet HTML 20Page - STMicroelectronics UM0313 Datasheet HTML 21Page - STMicroelectronics UM0313 Datasheet HTML 22Page - STMicroelectronics UM0313 Datasheet HTML 23Page - STMicroelectronics UM0313 Datasheet HTML 24Page - STMicroelectronics UM0313 Datasheet HTML 25Page - STMicroelectronics UM0313 Datasheet HTML 26Page - STMicroelectronics UM0313 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
UM0313
EK Lite
23/33
9.
click on the ”Stop” button to stop the sensor data collection and screen plotting
functions;
10. to close the application, click on “Disconnect” and then click on “Exit”.
5
EK Lite
The mini CD included with the EK302DL also contains a lite version of the previous GUI
together with its source code. The source code can be found in the directory:
($Home)\STM\EK302DL\EK302DL_lite, where ($Home) is the directory in which the
software that came with the evaluation kit was installed (C:\Program Files by default).
The purpose of the lite version is to provide the user a base for the development of a
customized application.
The lite version of the evaluation kit is started by launching the EK302DL Lite executable file
located in the EK302DL > Executables folder.
An example of the GUI of the EK lite application is shown in Figure 21.
Figure 21.
EK302DL Lite GUI
Follow these instructions to use the software:
1.
connect the EK302DL to the USB port;
2.
start the EK302DL Lite GUI;
3.
select the Virtual COM port and click on the “Connect” button (Figure 9, ref 1);
4.
select the destination file to which the acceleration data must be saved by clicking
“Browse” (Figure 9, ref 2) in Save section (optional);
5.
use the Tab Menu to display the desired function (optional);
6.
click on the “Start” button to activate the sensor data collection and screen plotting
functions;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com