Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0313 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0313
Description  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0313 Datasheet HTML 25Page - STMicroelectronics UM0313 Datasheet HTML 26Page - STMicroelectronics UM0313 Datasheet HTML 27Page - STMicroelectronics UM0313 Datasheet HTML 28Page - STMicroelectronics UM0313 Datasheet HTML 29Page - STMicroelectronics UM0313 Datasheet HTML 30Page - STMicroelectronics UM0313 Datasheet HTML 31Page - STMicroelectronics UM0313 Datasheet HTML 32Page - STMicroelectronics UM0313 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
UM0313
Bill of materials
31/33
9
Bill of materials
The bill of materials for the EK302DL Evaluation Kit is provided in Table 2.
Table 2.
Bill of materials
Designator
Description
Comment
Footprint
C1
Capacitor
10 µF
C1206_POL
C2
Capacitor
4.7 µF
C1206_POL
C3
Capacitor
4.7 µF
C1206_POL
C4
Capacitor
100 nF
0805
C5
Capacitor
100 nF
0805
C6
Capacitor
100 nF
0805
C7
Capacitor
100 nF
0805
C8
Capacitor
47 nF
0805
C9
Capacitor
220 nF
0805
C10
Capacitor
10 µF
C1206_POL
Cosc1
Capacitor
33 pF
0805
Cosc2
Capacitor
33 pF
0805
D1
Led
SMD_LED red
SMD_LED
D2
Led
SMD_LED red
SMD_LED
D3
Led
SMD_LED green
SMD_LED
D4
Led
SMD_LED_3C
J1
USB connector
USB_B
USB_B
J2
Header, 5X2
ICP
HEADER_5X2_A
J3
Header, 7-Pin
SPI
HDR1X7
R1
Resistor
180
Ω
0805
R2
Resistor
100
Ω
0805
R3
Resistor
100
Ω
0805
R4
Resistor
100
Ω
0805
R5
Resistor
100
Ω
0805
R6
Resistor
1.5 k
Ω
0805
R7
Resistor
10 k
Ω
0805
R8
Resistor
10 k
Ω
0805
Riccsel1
Resistor
10 k
Ω
0805
SW1
Button
NReset
SMT_Button
SW2
Button
SMT_Button
SMT_Button
SW3
Button
SMT_Button
SMT_Button
U1
LIS302DL
TLGA_5x3x1
U2
ST72F651AR6T1E
TQFP64_10x10
Yoscm1
Crystal
12 MHz
OSC_SMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com