Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0313 Datasheet(PDF) 26 Page - STMicroelectronics

Part # UM0313
Description  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button UM0313 Datasheet HTML 22Page - STMicroelectronics UM0313 Datasheet HTML 23Page - STMicroelectronics UM0313 Datasheet HTML 24Page - STMicroelectronics UM0313 Datasheet HTML 25Page - STMicroelectronics UM0313 Datasheet HTML 26Page - STMicroelectronics UM0313 Datasheet HTML 27Page - STMicroelectronics UM0313 Datasheet HTML 28Page - STMicroelectronics UM0313 Datasheet HTML 29Page - STMicroelectronics UM0313 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Supported commands
UM0313
26/33
7
Supported commands
The microcontroller mounted on the EK302DL board is equipped with dedicated firmware
which supports a set of commands that allow the control of the 3-axis digital output MEMS
sensor and permit the aquisition of the measured acceleration data. The firmware also
handles the communication between the EK board and the PC through the USB bus. These
features allow users to easily write their own applications to exploit the capabilities of the
accelerometer.
This section describes the commands that are supported by the firmware loaded in the
microcontroller of the EK302DL Evaluation Kit.
7.1
Getting started
Before using the commands supported by the firmware, the following procedure must be
performed:
1.
connect the EK302DL to the USB port;
2.
launch an application which allows the sending of commands through the Virtual serial
port. The remainder of this document will assume the use of the Microsoft© Hyper
Terminal program integrated in the Windows XP operating system;
3.
create a new connection, enter a name (ex. “EK302DL”), and click “OK”;
4.
in the “Connect Using” field, select the Virtual COM port to which the USB port has
been mapped, and click “OK”;
5.
in Port Settings, set Bits per second to 115200, Data bits to 8, Parity to None, Stop bits
to 1, and Flow control to None. Click “OK”;
6.
in the Hyper Terminal select Files > Properties > Settings and then click on the “ASCII
Setup” button;
7.
select “Send line ends with line feeds” and “Echo typed characters locally”;
8.
click the “OK” button to close the “ASCII Setup” window;
9.
click the “OK” button to close the “Properties” window.
Once this procedure has been completed the user can utilize the commands described in
the following sections by typing them into the Hyper Terminal window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com