Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0313 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0313
Description  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0313 Datasheet HTML 1Page - STMicroelectronics UM0313 Datasheet HTML 2Page - STMicroelectronics UM0313 Datasheet HTML 3Page - STMicroelectronics UM0313 Datasheet HTML 4Page - STMicroelectronics UM0313 Datasheet HTML 5Page - STMicroelectronics UM0313 Datasheet HTML 6Page - STMicroelectronics UM0313 Datasheet HTML 7Page - STMicroelectronics UM0313 Datasheet HTML 8Page - STMicroelectronics UM0313 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
UM0313
Evaluation kit description
5/33
1
Evaluation kit description
The EK302DL is a complete evaluation kit that allows evaluation of the performance of the
LIS302DL low power 3-axis linear accelerometer with digital output.
The block diagram of the evaluation kit is shown in Figure 1.
Figure 1.
Evaluation board block diagram
The ST7-USB microcontroller included on the board allows communication between the
sensor device and the PC. The user can interact with the hardware either through the GUI
provided with the kit, or through dedicated software routines to run customized applications.
Switches and LED indicators are used to control and monitor the functionality of the board.
The top silk-screen view and photo of the full board, respectively, are shown in Figure 2 and
Figure 3.
ST72F651
SPI
Control Switches
USB
USB
Power On LED
Data Ready LED
General Purpose LED
(Left, Right and Reset)
MEMS
Sensor
µC
Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com