Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0452 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0452
Description  Temperature sensor evaluation board
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0452 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0452 Datasheet HTML 2Page - STMicroelectronics UM0452 Datasheet HTML 3Page - STMicroelectronics UM0452 Datasheet HTML 4Page - STMicroelectronics UM0452 Datasheet HTML 5Page - STMicroelectronics UM0452 Datasheet HTML 6Page - STMicroelectronics UM0452 Datasheet HTML 7Page - STMicroelectronics UM0452 Datasheet HTML 8Page - STMicroelectronics UM0452 Datasheet HTML 9Page - STMicroelectronics UM0452 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Getting started
UM0452
6/30
2.2
Hardware description
Figure 2.
Temperature sensor evaluation board
2.2.1
Components
Major blocks present on the board are:
●
Temperature sensor SO-8 package: STDS75M2F/STLM75M2F
●
Temperature sensor TSSOP-8 package: STDS75DS2F/STLM75DS2F
●
Microcontroller : ST72F651AR6T1
●
NAND Flash : NAND512W3A0AN6
●
BLDC FAN: 5 V
●
RTC: M41T81S
●
Graphic LCD (122 X 32)
●
Button battery: 3 V
●
AC buzzer
●
Power socket for external power supply
●
USB jacket for USB connection
●
Switches TS1 and TS2 to configure the address of the temperature sensor
●
Power selection switch (S1) to select between external power and USB power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com