Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0452 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0452
Description  Temperature sensor evaluation board
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0452 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0452 Datasheet HTML 22Page - STMicroelectronics UM0452 Datasheet HTML 23Page - STMicroelectronics UM0452 Datasheet HTML 24Page - STMicroelectronics UM0452 Datasheet HTML 25Page - STMicroelectronics UM0452 Datasheet HTML 26Page - STMicroelectronics UM0452 Datasheet HTML 27Page - STMicroelectronics UM0452 Datasheet HTML 28Page - STMicroelectronics UM0452 Datasheet HTML 29Page - STMicroelectronics UM0452 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Schematic
UM0452
28/30
21
S1
1
Power
Switch
09-03290-01
SPDT
EAO
090-03290-01
Farnell
22
S2
1
Reset
Switch
push button
4 pin
switch
Any
Local
Local
23
A0,
A1,A2
,A0#,
A1#, A2#
6
Address
switches
09-03290-01
SPDT
EAO
09-03290-01
Farnell
24
EXT,I2C
2
Green LED
SMD LED
SMD
Any
Local
Local
25
USB,ALA
RM
2
Red LED
SMD LED
SMD
Any
Local
Local
26
BUZZ
1
Yellow LED
SMD LED
SMD
Any
Local
Local
27
R6,R11,
R15
3
Resistance
1.5 k
Ω
805
Any
Local
Local
28
R20
1
Resistance
1 k
Ω
805
Any
Local
Local
29
R21,R22,
R23,R24,
R25,R26
6
Resistance
2.2 k
Ω
805
Any
Local
Local
30
R3,R4,R
5
3
Resistance
4.7 k
Ω
805
Any
Local
Local
31
R9,R10,
R12,
R13,R14,
R18,R27
7
Resistance
10 k
Ω
805
Any
Local
Local
32
R16,R19
2
Resistance
100
805
Any
Local
Local
33
R1,R2,R
8
3
Resistance
330
805
Any
Local
Local
34
R17
1
Resistance
270
805
Any
Local
Local
35
R7
1
Resistance
0
805
Any
Local
Local
36
C1
1
Electrolytic
Capacitor
10 µF-10 V
RB-2.25
Any
Local
Local
37
C2, C3,
2
Capacitor
33 pF
805
Any
Local
Local
38
C16,C6,
C5, C8,
C18,
C19, C4,
C9, C10,
C11, C7
11
Capacitor
100 nF
805
Any
Local
Local
39
C17
1
Polarized
Capacitor
(Axial)
100 µF/10 V
RB-5.5
Any
Local
Local
Table 6.
BOM (continued)
Item
Des.
Qty
Ref.
Value/generic
part number
Package
Manu-
facturer
Manufacturer’s
ordering code /
orderable part
number
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com