Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0452 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0452
Description  Temperature sensor evaluation board
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0452 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0452 Datasheet HTML 6Page - STMicroelectronics UM0452 Datasheet HTML 7Page - STMicroelectronics UM0452 Datasheet HTML 8Page - STMicroelectronics UM0452 Datasheet HTML 9Page - STMicroelectronics UM0452 Datasheet HTML 10Page - STMicroelectronics UM0452 Datasheet HTML 11Page - STMicroelectronics UM0452 Datasheet HTML 12Page - STMicroelectronics UM0452 Datasheet HTML 13Page - STMicroelectronics UM0452 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
External power mode of evaluation board
UM0452
10/30
After setting the address press the reset button (S2) present on the board.
The board then functions showing the temperature and time on LCD.
Note:
If the address setting for TS1 is other than as shown in Table 2 or if the switches of TS2 are
not all set to 1 (as shown in Figure 6) then an error message appears on the LCD
"ADDR.ERROR" in which case, reconfigure the correct address of TS1 and again press the
reset button (S2).
3.2.2
Address configuration of TS2 using the switches
To select the temperature sensor 2 (TS2) follow these steps:
1.
Put all switches of TS1 (A0, A1, A2) to logic level 1 as shown in Figure 7.
Figure 7.
Default settings of TS1 to select TS2 on board
2.
Configure the addresses of temperature sensor 2 (TS2) using the switches. In
standalone mode seven addresses are allowed for TS2.
These addresses are: 0x90,0x92,0x94,0x96,0x98, 0x9A and 0x9C.
The allowed addresses and their settings for TS2 are as follows:
●
Address 1 = 0x90, => A2# = 0, A1# = 0, A0#= 0
●
Address 2 = 0x92, => A2#= 0, A1# = 0, A0# = 1
●
Address 3 = 0x94, => A23 = 0, A1# = 1, A0# = 0
●
Address 4 = 0x96, => A2#= 0, A1# = 1, A0# = 1
●
Address 5 = 0x98, => A2# = 1, A1# = 0, A0# = 0
●
Address 6 = 0x9A, => A2# = 1, A1# = 0, A0# = 1
●
Address 7 = 0x9C, => A2# = 1, A1# = 1, A0# = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com