Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0452 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0452
Description  Temperature sensor evaluation board
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0452 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0452 Datasheet HTML 9Page - STMicroelectronics UM0452 Datasheet HTML 10Page - STMicroelectronics UM0452 Datasheet HTML 11Page - STMicroelectronics UM0452 Datasheet HTML 12Page - STMicroelectronics UM0452 Datasheet HTML 13Page - STMicroelectronics UM0452 Datasheet HTML 14Page - STMicroelectronics UM0452 Datasheet HTML 15Page - STMicroelectronics UM0452 Datasheet HTML 16Page - STMicroelectronics UM0452 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
UM0452
USB power/GUI mode of evaluation board
13/30
Figure 8.
GUI on start up with board not connected
4.2
Powering of board in GUI mode
Follow these steps in order to power the board in GUI mode:
1.
Adjust the power selection switch (S1) to select USB power mode as explained in
Figure 4.
2.
Plug the USB cable in the USB socket (J2) on the board. As soon as the USB cable is
plugged in, the red LED lights up.
Note:
This LED (USB) shows only that power is connected or not. Power to board is selected
through the power selection switch (S1).
3.
After plugging in the USB cable and if the power switch is correctly set, then the status
in the status bar of GUI changes to "Connected" as shown in Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com