Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0452 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0452
Description  Temperature sensor evaluation board
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0452 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0452 Datasheet HTML 1Page - STMicroelectronics UM0452 Datasheet HTML 2Page - STMicroelectronics UM0452 Datasheet HTML 3Page - STMicroelectronics UM0452 Datasheet HTML 4Page - STMicroelectronics UM0452 Datasheet HTML 5Page - STMicroelectronics UM0452 Datasheet HTML 6Page - STMicroelectronics UM0452 Datasheet HTML 7Page - STMicroelectronics UM0452 Datasheet HTML 8Page - STMicroelectronics UM0452 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
September 2007
Rev 1
1/30
UM0452
User manual
Temperature sensor evaluation board
Introduction
This document explains the functioning of the temperature sensor evaluation board which
consists of the ST72F651 microcontroller, STLM75 and STDS75 as temperature sensors,
and NAND Flash.
This board can operate in 2 modes:
■ Standalone / external power mode
■ USB powered mode
The configuration and operation of the evaluation board in both modes is explained in
different sections.
To select the desired mode, there is a power selection switch (S1) on the board which
enables the appropriate selection.
When this evaluation board is connected to the computer through a USB cable it also
functions as a mass storage device. The default state of the evaluation board is mass
storage mode. It switches over to temperature sensor mode using GUI.
Figure 1.
Temperature sensor evaluation board (STEVAL-IFS003V1)
www.st.com


Similar Part No. - UM0452

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
How to use the BT_HTS_RX_R2
Sep-2007
UM0459 STMICROELECTRONICS-UM0459 Datasheet
224Kb / 29P
ST10F27xZx CAN library
04-Mar-2008
More results

Similar Description - UM0452

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
Evaluation Board for Microprocessor System Temperature Monitor
REV.B
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10
logo
Cirrus Logic
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Vishay Siliconix
SIDB766761 VISHAY-SIDB766761 Datasheet
160Kb / 5P
Temperature Sensing MOSFET Evaluation Board
18-Mar-04
logo
Hamamatsu Corporation
C9331 HAMAMATSU-C9331 Datasheet
130Kb / 2P
Color sensor evaluation circuit Color sensor evaluation circuit board
logo
Maxim Integrated Produc...
MAX30205EVKIT MAXIM-MAX30205EVKIT Datasheet
799Kb / 6P
MAX30205 Human Body Temperature Sensor Evaluation Kit
Rev 0; 9/16
DS1701K MAXIM-DS1701K Datasheet
293Kb / 7P
1-Wire Temperature Sensor Evaluation Kit
Revision 1.0 2/99
logo
STMicroelectronics
STEVAL-SMARTAG1 STMICROELECTRONICS-STEVAL-SMARTAG1 Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
logo
Omron Electronics LLC
2JCIE-EV OMRON-2JCIE-EV Datasheet
1Mb / 12P
Sensor Evaluation Board
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com