Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2487 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 2Page - STMicroelectronics AN2487 Datasheet HTML 3Page - STMicroelectronics AN2487 Datasheet HTML 4Page - STMicroelectronics AN2487 Datasheet HTML 5Page - STMicroelectronics AN2487 Datasheet HTML 6Page - STMicroelectronics AN2487 Datasheet HTML 7Page - STMicroelectronics AN2487 Datasheet HTML 8Page - STMicroelectronics AN2487 Datasheet HTML 9Page - STMicroelectronics AN2487 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Powered device demonstration board
AN2487
6/32
2
Powered device demonstration board
2.1
Design choices
The following points are considered as requirements for powered device supplies:
Input
Three inputs are provided; one for each of the two PoE powering schemes, and one
additional input for lab test and demo purposes.
Output
There are two outputs which cover most applications.
1.
Low voltage DC, tightly regulated and relatively ripple-free, for logic circuitry.
2.
Relatively high voltage DC for relays, actuators, motors, lighting, etc. High precision is
typically not required, nor is low ripple.
Selected voltages and currents:
●
3.3 V at 0.65 A, ripple less than 50 mV P-P
●
12 V at 0.65 A, ripple in the range of 250 mV P-P
The 12 V output is cross-regulated from the 3.3 V output. It will maintain ±10 to ±15%
regulation.
1500 V isolation of the output is included because it is usually required and is easy to
eliminate for additional small cost savings. Where appropriate, the demo board uses 2 mm
clearance between the Ethernet input and circuitry that may need to be grounded locally.
Power over Ethernet interface
The ST STHS4257 power over Ethernet interface controller was chosen for the signature,
classification, source connect, and converter start functions. This chip combines these
functions in a small SO-8 package.
DC-DC Converter
The converter accepts, at a low cost, a wide range of input voltage and load currents.
Topology, operating mode, and control scheme
The converter uses the flyback topology. It is the simplest, lowest cost solution at the 10 W
power level. It also supports multiple cross-regulated outputs at minimum possible cost.
Transition mode is used to maximize transformer utilization and minimize electro-magnetic
interference (EMI). The converter starts each transformer charge cycle (transistor on)
immediately after the output diodes shut off. There are no stability problems over 50% duty
because there is no energy left in the transformer at the end of each cycle.
The converter uses peak current-mode control, in which the error between output and
setpoint controls the peak current in the transformer primary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com