Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2487 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 24Page - STMicroelectronics AN2487 Datasheet HTML 25Page - STMicroelectronics AN2487 Datasheet HTML 26Page - STMicroelectronics AN2487 Datasheet HTML 27Page - STMicroelectronics AN2487 Datasheet HTML 28Page - STMicroelectronics AN2487 Datasheet HTML 29Page - STMicroelectronics AN2487 Datasheet HTML 30Page - STMicroelectronics AN2487 Datasheet HTML 31Page - STMicroelectronics AN2487 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Bibliography
AN2487
30/32
Appendix C
Bibliography
●
IEEE 802.3af-2003, "Amendment: Data Terminal Equipment (DTE) Power via Media
Dependent Interface (MDI)"
●
"Power over Ethernet Eases Design Implementations", Power Electronics Technology
magazine, November, 2003
●
STMicroelectronics Application note AN1326, "L6565 QUASI-RESONANT
CONTROLLER"
●
STMicroelectronics Application note AN1376, "25W QUASI-RESONANT FLYBACK
CONVERTER FOR SET-TOP BOX APPLICATION USING THE L6565
●
STMicroelectronics Application Note AN1439, "EVAL6565N, 30W AC-DC ADAPTER
WITH THE L6565 QUASI-RESONANT PWM CONTROLLER
●
STMicroelectronics Application note AN2252, "Zero-voltage switching and emitter-
switched bipolar transistor in a 3-phase auxiliary power supply"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com