Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2487 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2487 Datasheet HTML 1Page - STMicroelectronics AN2487 Datasheet HTML 2Page - STMicroelectronics AN2487 Datasheet HTML 3Page - STMicroelectronics AN2487 Datasheet HTML 4Page - STMicroelectronics AN2487 Datasheet HTML 5Page - STMicroelectronics AN2487 Datasheet HTML 6Page - STMicroelectronics AN2487 Datasheet HTML 7Page - STMicroelectronics AN2487 Datasheet HTML 8Page - STMicroelectronics AN2487 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
August 2008
Rev 2
1/32
AN2487
Application note
STEVAL-TSP001V1
power over Ethernet powered device demonstration board
Introduction
This application note describes the STEVAL-TSP001V1 demonstration board for the
evaluation of a power over Ethernet (PoE) system used to transmit electrical power, along
with data, to remote devices over a standard twisted-pair cable in an Ethernet network.
A complete power solution for Ethernet-connected powered devices is presented. The
power supply fully complies with IEEE 802.3-2005 PoE specifications and delivers the rated
output from any compliant source.
Example outputs of 3.3 V and 12 V are given in this document, but other requirements can
easily be met by implementing small changes.
Key features
■ Low profile, small size: 5"w x 1.5"d x 0.65"h (0.5" except RJ-45 Ethernet connectors)
■ Complies with all IEEE 802.3-2005 (IEEE 802.3af) Power over Ethernet specifications
■ Respects source limitations
■ Does not pollute power source
■ 1500 V isolated outputs eliminate ground loops
■ Highest possible economical output power (total power at output approximately 10 W)
■ Useful output voltages
– 12 V @0.65 A output (7.8 W, loose tolerance)
– 3.3 V @0.65 A output (2.145 W, tight tolerance)
■ Increased cost-effectiveness due to SMT construction (through-hole connectors for
ruggedness)
www.st.com


Similar Part No. - AN2487

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2482 STMICROELECTRONICS-AN2482 Datasheet
865Kb / 18P
The purpose of this document
08-Feb-2006
AN2483 STMICROELECTRONICS-AN2483 Datasheet
48Kb / 6P
Video signal standards
15-May-2007
AN2484 STMICROELECTRONICS-AN2484 Datasheet
674Kb / 10P
STOTG04 in power down mode
03-Apr-2007
AN2485 STMICROELECTRONICS-AN2485 Datasheet
735Kb / 29P
400 W FOT-controlled PFC pre-regulator with the L6563
22-Mar-2007
More results

Similar Description - AN2487

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2371 TI-TPS2371 Datasheet
283Kb / 14P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
STMicroelectronics
STEVAL-PCC011V1 STMICROELECTRONICS-STEVAL-PCC011V1 Datasheet
128Kb / 6P
ST802RT1B Ethernet PHY demonstration board
22-Feb-2010
STEVAL-PCC010V2 STMICROELECTRONICS-STEVAL-PCC010V2 Datasheet
167Kb / 7P
Ethernet with ST802RT1A and STM32F207 demonstration board
23-Feb-2011
logo
Monolithic Power System...
MP8001 MPS-MP8001 Datasheet
238Kb / 8P
15W Power Over Ethernet PoE Powered Device (PD) Controller
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
PoE(Power over Ethernet)
logo
Texas Instruments
TPS2371 TI1-TPS2371_15 Datasheet
1Mb / 21P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
List of Unclassifed Man...
CP1154 ETC-CP1154 Datasheet
129Kb / 3P
4-port Ethernet Over SDH Mapping Device
CP1158 ETC-CP1158 Datasheet
129Kb / 3P
8-port Ethernet Over SDH Mapping Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com