Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2487 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 24Page - STMicroelectronics AN2487 Datasheet HTML 25Page - STMicroelectronics AN2487 Datasheet HTML 26Page - STMicroelectronics AN2487 Datasheet HTML 27Page - STMicroelectronics AN2487 Datasheet HTML 28Page - STMicroelectronics AN2487 Datasheet HTML 29Page - STMicroelectronics AN2487 Datasheet HTML 30Page - STMicroelectronics AN2487 Datasheet HTML 31Page - STMicroelectronics AN2487 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AN2487
Bill of materials
29/32
115 k
Ω 5% 0805
R21
*
1
681 k
Ω 1% 0805
R3
*
1
15.0 k
Ω 1% 0805
R4
*
310 k
Ω 5% 0805
R5,R10,R18
*
4
2.0 1206
R6,R7,R8,R19
*
1
22 5% 0805
R9
*
1
XFMR POE-15
T3
XFMR POE TAPPED SEC
Cramer N85158
1
XFMR POE SIG
T2
Pulse Eng. H2019
1
PHOENIX 2-PIN
TB1
Connect2
1
PHOENIX 3-PIN
TB2
Connect3
1
STHS4257-A-1 SO-8
U1
POE interface controller
STMicroelectronics
1
L6565D SO-8
U3
TRANS. MODE CTLLR
STMicroelectronics
1
TL431 SO-8
U4
TL431 PGM SHUNT REG
STMicroelectronics
Table 6.
Bill of materials (continued)
Qty
Part type
Designator
Description
Mfg & Mfg #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com