Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2487 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 21Page - STMicroelectronics AN2487 Datasheet HTML 22Page - STMicroelectronics AN2487 Datasheet HTML 23Page - STMicroelectronics AN2487 Datasheet HTML 24Page - STMicroelectronics AN2487 Datasheet HTML 25Page - STMicroelectronics AN2487 Datasheet HTML 26Page - STMicroelectronics AN2487 Datasheet HTML 27Page - STMicroelectronics AN2487 Datasheet HTML 28Page - STMicroelectronics AN2487 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AN2487
Electrical characteristics
25/32
4.8
Ripple and noise
●
Channel 1 = 12 V output
●
Channel 2 = 3.3 V output
4.8.1
Radiated EMI
For an idea of the noise level the converter will place on the Ethernet cable, the noise
between the two “ground” planes on the back of the PC board was measured. The signal
was run directly into the 50
Ω input of a spectrum analyzer. Please ignore the pass limit
notation.
Figure 27.
Spectrum of noise between output and input ground planes
The noise level peaks at 54 dB, about 1/2 mV, at approximately 63 MHz. Radiated noise
should not be a problem.
Figure 25.
Switching frequency ripple, two
cycles shown
Figure 26.
Expanded switching transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com