Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2507 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2507
Description  This application note explains the design of a FLASH LED driver using the STCF03 device
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2507 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2507 Datasheet HTML 6Page - STMicroelectronics AN2507 Datasheet HTML 7Page - STMicroelectronics AN2507 Datasheet HTML 8Page - STMicroelectronics AN2507 Datasheet HTML 9Page - STMicroelectronics AN2507 Datasheet HTML 10Page - STMicroelectronics AN2507 Datasheet HTML 11Page - STMicroelectronics AN2507 Datasheet HTML 12Page - STMicroelectronics AN2507 Datasheet HTML 13Page - STMicroelectronics AN2507 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
PCB design
AN2507
10/31
3
PCB design
3.1
PCB design rules
STCF03 is a powerful switching device where the PCB must be designed in line with
switched supplies design rules. The power tracks (or wires in demo-board) must be as short
as possible and wide enough, because of the high currents involved. It is recommended to
use a 4 layers PCB to get the best performance. All external components must be placed as
close as possible to STCF03. All high-energy switched loops should be as small as possible
to reduce EMI. Most of LEDs need efficient cooling, which could be done by using a
dedicated copper area on the PCB. Please refer to the selected LED's reference guide to
design the heatsink. Place the RFL resistor as close as possible to the PGND pins and the
ground pin of the COUT capacitor. In case a modification of any PCB layer is required, it is
highly recommended to use enough vias. Place the NTC resistor as close as possible to the
LED for good temperature sensing. Direct connection between GND and PGND is
necessary in order to achieve correct output current value. No LED current should flow
through this track! Voltage sensing on the RFL resistor must to done on a track from ball FB2
and directly connected to the RFL resistor. Again, no current should flow through this track.
Pin FB2S must be connected to the RFL resistor pin. Vias connecting the STCF03 pins to
the copper tracks (if used) must be 0.1 mm in diameter for BGA version. It is recommended
to use the filled vias.
3.2
PCB layout
3.2.1
A four-layer PCB with application area 45.1 mm2 for BGA package,
version B
(for version C is layout exactly same except the NTC connection, see Figure 1)
Figure 3.
Top layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com