Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2507 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2507
Description  This application note explains the design of a FLASH LED driver using the STCF03 device
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2507 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2507 Datasheet HTML 23Page - STMicroelectronics AN2507 Datasheet HTML 24Page - STMicroelectronics AN2507 Datasheet HTML 25Page - STMicroelectronics AN2507 Datasheet HTML 26Page - STMicroelectronics AN2507 Datasheet HTML 27Page - STMicroelectronics AN2507 Datasheet HTML 28Page - STMicroelectronics AN2507 Datasheet HTML 29Page - STMicroelectronics AN2507 Datasheet HTML 30Page - STMicroelectronics AN2507 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
AN2507
Examples of register setup for each mode
29/31
●
Packet 2
Sets FLASH mode with 1.5 s duration. Dimming is not set again as it is same as before.
●
Packet 3
Sets FLASH mode with 1.5 s duration. Dimming remains untouched.
●
Packet 4
Sets FLASH mode with 1 s duration. Dimming remains untouched.
Please refer to Figure 22 for more details about the I2C-bus packets timing.
The solution described above is using a software termination of the FLASH pulse. (It is
timed out by the internal timer.) The FLASH pulse could be also terminated by setting the
TRIG pin to low after 4 seconds. In this case, the fourth packet could be the same as
packets Packet 2 and Packet 3, because the timing of the FLASH is done by the TRIG pin
and it is not necessary to change the value of FTIM in the COMMAND REGISTER.
This way of periodical reloading of the COMMAND REGISTER can be used to achieve a
continuous FLASH light. In this case, it is very strongly recommended to guarantee an
efficient cooling of both the LED and the chip, otherwise the light can be interrupted by
activation of the thermal protections.
Table 28.
1st I2C data packet to restart the FLASH mode
Byte
Hex
Binary
Comment
1
62
0
1
1
0
0
0
1
0
Device address + R/W bit
2
00
0
0
0
0
0
0
0
0
Command register address
3
DF
1
1
0
1
1
1
1
1
Data of the command register
Table 29.
2nd I2C data packet for restart of the FLASH mode
Byte
Hex
Binary
Comment
1
62
0
1
1
0
0
0
1
0
Device address + R/W bit
2
00
0
0
0
0
0
0
0
0
Command register address
3
DF
1
1
0
1
1
1
1
1
Data of the command register
Table 30.
3rd I2C data packet to restart the FLASH mode
Byte
Hex
Binary
Comment
1
62
0
1
1
0
0
0
1
0
Device address + R/W bit
2
00
0
0
0
0
0
0
0
0
Command register address
3
DA
1
1
0
1
1
0
1
0
Data of the command register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com