Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2507 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2507
Description  This application note explains the design of a FLASH LED driver using the STCF03 device
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2507 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2507 Datasheet HTML 23Page - STMicroelectronics AN2507 Datasheet HTML 24Page - STMicroelectronics AN2507 Datasheet HTML 25Page - STMicroelectronics AN2507 Datasheet HTML 26Page - STMicroelectronics AN2507 Datasheet HTML 27Page - STMicroelectronics AN2507 Datasheet HTML 28Page - STMicroelectronics AN2507 Datasheet HTML 29Page - STMicroelectronics AN2507 Datasheet HTML 30Page - STMicroelectronics AN2507 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Revision history
AN2507
30/31
Figure 22.
I2C bus packets timing for a FLASH lasting longer than FTIM max
9
Revision history
1.0s
1.5s
1.5s
4.0s
TRIG pin
TRIG_EN bit
I
2C bus packets
Timeout of the
first Flash
Timeout of the
second Flash
Timeout of the
third Flash
Timeout of the
fourth Flash –
ending of the
whole Flash
pulse
1.5s
1.0s
1.0s
1.0s
1.0s
Table 31.
Revision history
Date
Revision
Changes
19-Apr-2007
1
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com