Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2507 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2507
Description  This application note explains the design of a FLASH LED driver using the STCF03 device
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2507 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2507 Datasheet HTML 17Page - STMicroelectronics AN2507 Datasheet HTML 18Page - STMicroelectronics AN2507 Datasheet HTML 19Page - STMicroelectronics AN2507 Datasheet HTML 20Page - STMicroelectronics AN2507 Datasheet HTML 21Page - STMicroelectronics AN2507 Datasheet HTML 22Page - STMicroelectronics AN2507 Datasheet HTML 23Page - STMicroelectronics AN2507 Datasheet HTML 24Page - STMicroelectronics AN2507 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
AN2507
The STATUS register and the ATN pin
21/31
6
The STATUS register and the ATN pin
6.1
The STATUS register
A detailed description of each bit is stated in the datasheet.
Table 10.
STATUS register bits
Bit name
N/A
F_RUN
LED_F
NTC_W
NTC_H
OT_F
N/A
VOUTOK_N
MSB
LSB
Table 11.
Effect of the STATUS register bits on the operation of the device
Bit name
F_RUN
(STAT_REG)
LED_F
(STAT_REG)
NTC_W
(STAT_REG)
NTC_H
(STAT_REG)
OT_F
(STAT_REG)
VOUTOK_N
(STAT_REG)
Default value
0
0
0
0
0
0
Latched (1)
NO
YES
YES
YES
YES
YES
Forces READY
mode when set
NO
YES
NO
YES
YES
YES
Sets ATN LOW when
set
NO
YES
YES
YES
YES
YES
1.
YES means that the bit is set by internal signals and is reset to its default value by an I2C-read operation of STAT_REG; NO
means that the bit is set and reset by internal signals in real-time
When the status register is latched, reading and writing to the registers is still possible, but the bits
TRIG_EN and TCH_ON in the COMMAND register and AUXL register cannot be changed, until the
device is unlatched. It is necessary to read the STATUS register to unlatch the device.
The ATN pin is also pulled down when the internal timer reaches zero in FLASH mode. In this case the
ATN pin is pulled down for 11 µs only. It is recommended to connect the ATN pin to the interrupt input of
the microcontroller. If it is not connected to the interrupt input, the ATN pin should be pulled fast enough
not to miss the 11 µs pulse, that is, by a programming loop which is entered after start of the FLASH
mode. This loop runs until the ATN pin gets Low. It is recommended to make a time-out of such a loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com