Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2829 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 3Page - STMicroelectronics AN2829 Datasheet HTML 4Page - STMicroelectronics AN2829 Datasheet HTML 5Page - STMicroelectronics AN2829 Datasheet HTML 6Page - STMicroelectronics AN2829 Datasheet HTML 7Page - STMicroelectronics AN2829 Datasheet HTML 8Page - STMicroelectronics AN2829 Datasheet HTML 9Page - STMicroelectronics AN2829 Datasheet HTML 10Page - STMicroelectronics AN2829 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AN2829
Component list
7/32
4
Component list
Table 1.
Bill of materials
Qty
Component
Description
Package
Part number
MFR
Value
3C1:C3
Ceramic
capacitor
1812
UMK325BJ106KM-T
Taiyo-Yuden
10 µF - 50 V
1C4
Ceramic
capacitor
1812
NM
10 µF - 50
2C5, C6
Ceramic
capacitor
0805
100 nF - 50 V
1C19
Ceramic
capacitor
0805
100 nF - 50 V
1C7
POSCAP
capacitor
7343
NM
Sanyo
2C9, C10
Ceramic
capacitor
0805
NM
1C11
POSCAP
capacitor
7343
NM
Sanyo
1C8
POSCAP
capacitor
7343
6TPB330M
Sanyo
330 µF -
12 mR - 6 V
1C12
POSCAP
capacitor
7343
6TPB330M
Sanyo
330 µF -
12 mR - 6 V
2C13, C14
Ceramic
capacitor
0603
5.6 nF - 50 V
2C15, C16
Ceramic
capacitor
0603
1 nF - 50 V
2C17, C18
Ceramic
capacitor
0603
47 pF - 50 V
1C20
Ceramic
capacitor
0805
1 µF - 10 V
1C21
Tantalum
capacitor
3216
4.7 µF - 16 V
1C22
Ceramic
capacitor
0805
220 nF - 10 V
1C23
Ceramic
capacitor
0805
10 pF
1CIN
Electrolytic
capacitor
D=10 mm
NM
1
CREF
Ceramic
capacitor
0805
100 nF - 50 V
1C26
Tantalum
capacitor
6032
4.7 µF - 35 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com