Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2829 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 20Page - STMicroelectronics AN2829 Datasheet HTML 21Page - STMicroelectronics AN2829 Datasheet HTML 22Page - STMicroelectronics AN2829 Datasheet HTML 23Page - STMicroelectronics AN2829 Datasheet HTML 24Page - STMicroelectronics AN2829 Datasheet HTML 25Page - STMicroelectronics AN2829 Datasheet HTML 26Page - STMicroelectronics AN2829 Datasheet HTML 27Page - STMicroelectronics AN2829 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Test setup and performance summary
AN2829
24/32
Figure 17.
Input current vs. input voltage
In the following figures, the device current consumption is measured in shutdown mode. In
shutdown mode all outputs are off (SHDN pin low). In standby mode only the linear
regulators output are on (V5SW=SGND; SHDN pin high; EN5, EN3 pins low).
Figure 18.
Device current consumption vs. input voltage
AM01423v1
No-audible SKIP no load battery current
vs input voltage
1.50
2.00
2.50
3.00
3.50
4.00
4.50
8
10
12
14
16
18
20
22
24
26
28
Input voltage [V]
Iinput
IEXT5V
AM01424v1
Shutdown mode input battery current
vs input voltage
0,00
5,00
10,00
15,00
20,00
25,00
30,00
8
10
12
14
16
18
20
22
24
26
2830
32
34
36
Input voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com