Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2829 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 17Page - STMicroelectronics AN2829 Datasheet HTML 18Page - STMicroelectronics AN2829 Datasheet HTML 19Page - STMicroelectronics AN2829 Datasheet HTML 20Page - STMicroelectronics AN2829 Datasheet HTML 21Page - STMicroelectronics AN2829 Datasheet HTML 22Page - STMicroelectronics AN2829 Datasheet HTML 23Page - STMicroelectronics AN2829 Datasheet HTML 24Page - STMicroelectronics AN2829 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AN2829
Test setup and performance summary
21/32
Figure 11.
Section 1 shutdown waveforms
Figure 12.
Section 2 shutdown waveforms
11.4
1.5 V and 1.05 output efficiency vs. load current
Figure 13 and 14 show the efficiency versus load current at different input voltage values in
PWM mode, skip mode and no audible skip mode. Three different input voltages are used:
●
Blue: VIN=9 V
●
Green: VIN=12 V
●
Red: VIN=18 V
AM01417v1
OUT1
Lgate1
EN1
AM01418v1
OUT2
Lgate2
EN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com