Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2829 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2829 Datasheet HTML 1Page - STMicroelectronics AN2829 Datasheet HTML 2Page - STMicroelectronics AN2829 Datasheet HTML 3Page - STMicroelectronics AN2829 Datasheet HTML 4Page - STMicroelectronics AN2829 Datasheet HTML 5Page - STMicroelectronics AN2829 Datasheet HTML 6Page - STMicroelectronics AN2829 Datasheet HTML 7Page - STMicroelectronics AN2829 Datasheet HTML 8Page - STMicroelectronics AN2829 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Main features
AN2829
4/32
1
Main features
5.5 V to 36 V input voltage range
Adjustable output voltages
0.9-3.3 V adjustable LDO delivers 100 mA peak current
5 V LDO delivers 100 mA peak current
1.237 V ±1% reference voltage available
Lossless current sensing using low side MOSFET RDS(on)
Negative current limit
Soft-start internally fixed at 2 ms
Soft output discharge
Latched UVP
Non-latched OVP
Selectable pulse skipping at light loads
Selectable minimum frequency (33 kHz) in pulse skip mode
4 mW maximum quiescent power
Independent Power Good signals
Output voltage ripple compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com