Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2829 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 18Page - STMicroelectronics AN2829 Datasheet HTML 19Page - STMicroelectronics AN2829 Datasheet HTML 20Page - STMicroelectronics AN2829 Datasheet HTML 21Page - STMicroelectronics AN2829 Datasheet HTML 22Page - STMicroelectronics AN2829 Datasheet HTML 23Page - STMicroelectronics AN2829 Datasheet HTML 24Page - STMicroelectronics AN2829 Datasheet HTML 25Page - STMicroelectronics AN2829 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Test setup and performance summary
AN2829
22/32
Figure 13.
1.5 V SMPS efficiency
Figure 14.
1.05 V SMPS efficiency
11.5
Power consumption analysis
To measure the consumption of the device in real working conditions, an external power
supply of +5 V is connected to EXT5V.
The two traces on the following figures show the differentiation in the two input currents.
Once the internal linear regulator is turned on, the device consumption increases.
Figure 15 shows the input current consumption measured at VIN+ (including ISHDN) and
the input device current consumption measured by the VCC pin. Both switching sections
work in forced PWM mode. No load is applied on the outputs.
AM01419v1
Efficiency vs load current OUT1=1,5 V
0
10
20
30
40
50
60
70
80
90
100
0,001
0,010
0,100
1,000
10,000
Load current [A]
SKIP
NASKIP
PWM
AM01420v1
Efficiency vs load curent OUT2=1,05 V
0
10
20
30
40
50
60
70
80
90
100
0,001
0,010
0,100
1,000
10,000
Laod current [A]
SKIP
NASKIP
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com