Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2840 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2840
Description  charger demonstration board based on the VIPER17HN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2840 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2840 Datasheet HTML 2Page - STMicroelectronics AN2840 Datasheet HTML 3Page - STMicroelectronics AN2840 Datasheet HTML 4Page - STMicroelectronics AN2840 Datasheet HTML 5Page - STMicroelectronics AN2840 Datasheet HTML 6Page - STMicroelectronics AN2840 Datasheet HTML 7Page - STMicroelectronics AN2840 Datasheet HTML 8Page - STMicroelectronics AN2840 Datasheet HTML 9Page - STMicroelectronics AN2840 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Operating waveforms
AN2840
6/19
2
Operating waveforms
Figure 4 and Figure 5 show some VIPER17HN waveforms during normal operation at full
load (5 W). Note that at low mains (115 VRMS) the converter operates in continuous
conduction mode, while at 230 VRMS it works in discontinuous conduction mode. This
converter design takes advantage of both operating modes. In the illustrations below, the
VDD voltage powering the device and the feedback pin voltage are also shown.
In Figure 6 it is worth noting that once the circuit is working in DCM, the voltage on the FB
pin has a triangular shape due to frequency jittering. The loop must adjust the FB pin
voltage according to the actual switching frequency to keep the output voltage regulated.
This happens because the transferred power in DCM is directly proportional to the switching
frequency. Hence, the low frequency sawtooth superimposed on the FB pin has the same
frequency as the modulating frequency (250 Hz typ.).
On the drain waveform in Figure 7, the modulation depth of the jittering function is visible.
The waveform is captured while synchronizing the scope on the rising edge and using the
Envelope acquisition. Thus the trailing edge of the following switching cycle shows
frequency variation that is identical to the oscillator frequency with a variation depending on
the jittering of the oscillator, in this case 115 kHz and +/- 8 kHz of modulation.
Figure 4.
VIN = 115 VAC – 60 Hz, full
load, normal operation
Figure 5.
VIN = 230 VAC - 50 Hz, full
load, normal operation
CH1: VIPER17HN drain pin (black trace)
CH1: VIPER17HN drain pin (black trace)
CH2: VIPER17HN VDD pin (green trace)
CH2: VIPER17HN VDD pin (green trace)
CH3: VIPER17HN FB pin (red trace)
CH3: VIPER17HN FB pin (red trace)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com