Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2840 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2840
Description  charger demonstration board based on the VIPER17HN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2840 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2840 Datasheet HTML 7Page - STMicroelectronics AN2840 Datasheet HTML 8Page - STMicroelectronics AN2840 Datasheet HTML 9Page - STMicroelectronics AN2840 Datasheet HTML 10Page - STMicroelectronics AN2840 Datasheet HTML 11Page - STMicroelectronics AN2840 Datasheet HTML 12Page - STMicroelectronics AN2840 Datasheet HTML 13Page - STMicroelectronics AN2840 Datasheet HTML 14Page - STMicroelectronics AN2840 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AN2840
Electrical performance
11/19
4
Electrical performance
4.1
Efficiency and no-load measurements
Tables 1 and 2 show board efficiency at the two nominal voltages.
Figure 15.
Efficiency vs output power
Table 1.
Efficiency at 115 VAC
% load
Io [A]
Vo [V]
Po [W]
Iin [mA]
Pin [W]
Efficiency
25%
0.2501
5.118
1.2800
32.5
1.708
74.9%
50%
0.5005
5.165
2.5851
57.0
3.391
76.2%
75%
0.7507
5.205
3.9074
82.0
5.263
74.2%
100%
0.9993
5.275
5.2713
106.6
7.19
73.3%
Average efficiency
74.7%
Table 2.
Efficiency at 230 VAC
% load
Io [A]
Vo [V]
Po [W]
Iin [mA]
Pin [W]
Efficiency
25%
0.2501
5.118
1.2800
22.5
1.905
67.2%
50%
0.5004
5.163
2.5836
39.8
3.795
68.1%
75%
0.7507
5.197
3.9014
52.4
5.328
73.2%
100%
0.9993
5.262
5.2583
67.4
7.256
72.5%
Average efficiency
70.2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com