Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2840 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2840
Description  charger demonstration board based on the VIPER17HN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2840 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2840 Datasheet HTML 5Page - STMicroelectronics AN2840 Datasheet HTML 6Page - STMicroelectronics AN2840 Datasheet HTML 7Page - STMicroelectronics AN2840 Datasheet HTML 8Page - STMicroelectronics AN2840 Datasheet HTML 9Page - STMicroelectronics AN2840 Datasheet HTML 10Page - STMicroelectronics AN2840 Datasheet HTML 11Page - STMicroelectronics AN2840 Datasheet HTML 12Page - STMicroelectronics AN2840 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AN2840
Short-circuit operation
9/19
3
Short-circuit operation
During output short-circuit conditions, the converter operates in hiccup mode (see
Figure 11) due to the activation of the overload protection (OLP). Operation at both 115 VAC
and 230 VAC is very similar, since neither the VDD capacitor charge/discharge times nor the
FB pin behavior depend on the bulk capacitor voltage. When a short-circuit is applied, the
FB pin saturates high, and after about 8 ms the capacitors connected to that pin are charged
up to 4.8 V (typ) and the OVL protection is triggered. Once the VDD capacitor is discharged
down to 4.5 V (typ.), the high voltage startup generator is turned on with reduced current
(0.6 mA typ), then when the VDD turn-on threshold is reached, the IC turns on and the cycle
is repeated. Normal operation is restored after the short is removed (auto restart behavior).
As illustrated in figures 13 and 14, even at 230 VAC the circuit behavior remains unchanged,
and even at higher input voltage the working time in short-circuit condition is extremely short
with respect to the off time. This permits limited dissipation for the power components and,
since the components are not subject to excessive thermal stress, reliable operation of the
circuit. Even the drain voltage peak during this condition is well below the VIPER17HN
maximum rating for that pin.
Figure 11.
VIN = 115 VAC - 60 Hz short-
circuit operation
Figure 12.
VIN = 230 VAC - 50 Hz short-
circuit operation detail
CH1: VIPER17HN FB pin (yellow trace)
CH1: VIPER17HN FB pin (yellow trace)
CH2: VIPER17HN VDD pin (cyan trace)
CH2: VIPER17HN VDD pin (cyan trace)
CH3: VIPER17HN drain pin (purple trace)
CH3: VIPER17HN drain pin (purple trace)
CH4: output current (green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com