Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2840 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2840
Description  charger demonstration board based on the VIPER17HN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2840 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2840 Datasheet HTML 1Page - STMicroelectronics AN2840 Datasheet HTML 2Page - STMicroelectronics AN2840 Datasheet HTML 3Page - STMicroelectronics AN2840 Datasheet HTML 4Page - STMicroelectronics AN2840 Datasheet HTML 5Page - STMicroelectronics AN2840 Datasheet HTML 6Page - STMicroelectronics AN2840 Datasheet HTML 7Page - STMicroelectronics AN2840 Datasheet HTML 8Page - STMicroelectronics AN2840 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
December 2008
Rev 1
1/19
AN2840
Application note
EVLVIP17-5WCHG: 5 W low standby consumption battery
charger demonstration board based on the VIPER17HN
Introduction
The EVLVIP17-5WCHG demonstration board is a 5 W SMPS for use as a travel battery
charger for applications such as mobile phones, PDAs and electronic games. The purpose
of the board is to demonstrate the performance of the VIPER17HN off-line high voltage
converter. Thanks to its low consumption and other features, good electrical performance is
achieved. To obtain constant output voltage and current regulation (CV/CC), the TSM1052
CV/CC controller is used on the secondary side. This TSM1052 is well-suited for this type of
application, offering very low current consumption in a very small package (SOT23-6L).
Another important feature of the SMPS is the elimination of the Y1 safety capacitor between
the primary and the secondary side.
Figure 1.
EVLVIP17-5WCHG demonstration board (top side)
Figure 2.
EVLVIP17-5WCHG demonstration board (bottom side)
www.st.com


Similar Part No. - AN2840

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2841 STMICROELECTRONICS-AN2841 Datasheet
788Kb / 31P
This application note deals with the general principles of LED dimming
10-Nov-2008
AN2842 STMICROELECTRONICS-AN2842 Datasheet
902Kb / 22P
Paralleling of power MOSFETs in PFC topology
29-Jul-2009
AN2844 STMICROELECTRONICS-AN2844 Datasheet
1Mb / 37P
15 W wide range SMPS for metering
13-Mar-2009
AN2846 STMICROELECTRONICS-AN2846 Datasheet
1Mb / 35P
The serial current limited termination device
22-Feb-2010
AN2847 STMICROELECTRONICS-AN2847 Datasheet
407Kb / 31P
This document provides application information for the low-voltage 3-axis digital output
08-Sep-2010
More results

Similar Description - AN2840

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-TDR029V1 STMICROELECTRONICS-STEVAL-TDR029V1 Datasheet
192Kb / 10P
RF power amplifier demonstration board based on the STAC2942B
03-Jun-2010
STEVAL-ICB007V1 STMICROELECTRONICS-STEVAL-ICB007V1 Datasheet
71Kb / 4P
Capacitive touch demonstration board based on the STMPE321
03-Jun-2011
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
Graphic panel demonstration board based on the STM32
03-Mar-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
07-Jul-2008
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
Connectivity gateway demonstration board based on the STM32F107
15-Jun-2010
AN4199 STMICROELECTRONICS-AN4199 Datasheet
2Mb / 23P
Two-layer demonstration board based on the STA333IS
01-Jul-2013
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
Four-layer demonstration board based on the STA333IS
01-Jul-2013
AN2818 STMICROELECTRONICS-AN2818 Datasheet
649Kb / 24P
NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
02-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com