Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2840 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2840
Description  charger demonstration board based on the VIPER17HN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2840 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2840 Datasheet HTML 8Page - STMicroelectronics AN2840 Datasheet HTML 9Page - STMicroelectronics AN2840 Datasheet HTML 10Page - STMicroelectronics AN2840 Datasheet HTML 11Page - STMicroelectronics AN2840 Datasheet HTML 12Page - STMicroelectronics AN2840 Datasheet HTML 13Page - STMicroelectronics AN2840 Datasheet HTML 14Page - STMicroelectronics AN2840 Datasheet HTML 15Page - STMicroelectronics AN2840 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Electrical performance
AN2840
12/19
This adapter complies with the new EPA 2.0 standard for low voltage devices (VOUT < 6,
IOUT > 0.55 A). The minimum required efficiency for a 5 W SMPS is 68.2%. This value has
to be calculated as the average of the efficiency at 25%, 50%, 75% and 100% of rated load.
The input power without load has also been measured and as indicated in Table 3, the no-
load consumption is always below 100 mW. Therefore, this adapter using the VIPER17HN
meets the most restrictive worldwide standards regarding efficiency and power consumption
at no-load (European Code of Conduct, adapter for mobile handheld battery-driven
applications, starting from 1st January 2011: <150 mW).
Output voltage regulation during no-load operation is always good, and output voltage
delivered is always within the specification. Neither output voltage drops nor abnormal turn-
off and restarting cycles are present during no-load operation or load transients.
4.2
V-I output characteristics and cable drop compensation
Figure 16 shows the V-I output characteristics at the PCB output pads and at end of the
output cable, measured at 115 VAC mains input voltage. Values at 230 VAC do not change
significantly.
Due to the high performance of the TSM1052, in the constant current region the output
voltage drops down to 1.5 V (1.3 V at the end of the output cable) while perfectly regulating
the output current.
A further decrease in the output load impedance, as in the case of a short-circuit, causes an
additional decrease in the output voltage that is insufficient to power the TSM1052. This
results in a hiccup working mode with a very low average output current.
Figure 16.
Output characteristic at 115 VAC
Table 3.
No-load consumption
90VAC
100VAC
115VAC
230VAC
264VAC
VOUT [V]
5.07
5.07
5.07
5.07
5.07
Pin [mW]
48
49.5
52
81.5
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com