Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3040 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3040
Description  This application note describes a demonstration board able to drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3040 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3040 Datasheet HTML 4Page - STMicroelectronics AN3040 Datasheet HTML 5Page - STMicroelectronics AN3040 Datasheet HTML 6Page - STMicroelectronics AN3040 Datasheet HTML 7Page - STMicroelectronics AN3040 Datasheet HTML 8Page - STMicroelectronics AN3040 Datasheet HTML 9Page - STMicroelectronics AN3040 Datasheet HTML 10Page - STMicroelectronics AN3040 Datasheet HTML 11Page - STMicroelectronics AN3040 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Ballast design
AN3040
8/27
Doc ID 16181 Rev 2
●
Pin4 TCH is the time counter and is activated during the preheating phase as well as
after a protection is triggered (HBCS crossing during ignition run mode, window
comparator at EOL). To achieve this, an R15C7 parallel network is connected between
this pin and ground. With a protection time tTch,reduced fixed at 0.27 seconds (needed
for the startup sequence with old or damaged lamps), C7 can then be calculated.
Equation 4
With tpre set to 1 second and considering the internal current generator ICH = 31 µA, R15 can
be calculated.
Equation 5
●
Pin5 EOLP is a 2 V reference and allows programming the window comparator of Pin6
(EOL) according to the values defined in Table 4 in the L6585DE datasheet. Working in
a lamp-to-ground configuration, a fixed reference mode has been selected, and for a
window voltage amplitude of ± 240 mV, R16 has been set to 75 kΩ.
●
Pin6 EOL is the input of the window comparator. Concerning this comparator, the fixed
reference configuration requires two Zener diodes to shift the mean value of the lamp
voltage to 2.5 V. The values of the two Zener diodes relate to the symmetry of the
protection intervention, and the best symmetry is obtained by choosing two values
whose difference is equal to twice the reference voltage.
Referring to the first series lamp (Figure 3):
Equation 6
If we consider that VfD17 = VfD16 = 0.7 V and take into account that W/2 = 0.240 V, the
maximum/minimum voltage on the low resistance of the voltage divider of the lamp is
.
With R67 equaling 1.8 MΩ, considering the current capability of EOL and fixing the maximum
deviation voltage lamp
, the value of R60 can be calculated as 1.5 MΩ.
F
1
C
10
26974
.
0
C
t
7
6
7
reduced
,
Tch
μ
=
⇒
⋅
⋅
≅
Ω
⇒
Ω
=
⋅
⋅
−
=
k
750
k
755
5
.
1
63
.
4
ln
C
63
.
4
I
C
t
R
7
CH
7
pre
15
2
W
V
V
5
.
2
V
17
fD
16
zD
max
K
+
+
+
=
(
)
2
W
V
V
5
.
2
V
16
fD
17
zD
min
K
−
+
−
=
⇒
−
=
min
K
max
K
V
V
V
10
V
,
V
1
.
5
V
V
V
5
.
2
2
16
zD
17
zD
16
zD
17
zD
=
=
⇒
−
=
⋅
V
K
8.2V
=
V
lamp
18V
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com