Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3040 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3040
Description  This application note describes a demonstration board able to drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3040 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3040 Datasheet HTML 6Page - STMicroelectronics AN3040 Datasheet HTML 7Page - STMicroelectronics AN3040 Datasheet HTML 8Page - STMicroelectronics AN3040 Datasheet HTML 9Page - STMicroelectronics AN3040 Datasheet HTML 10Page - STMicroelectronics AN3040 Datasheet HTML 11Page - STMicroelectronics AN3040 Datasheet HTML 12Page - STMicroelectronics AN3040 Datasheet HTML 13Page - STMicroelectronics AN3040 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Ballast design
AN3040
10/27
Doc ID 16181 Rev 2
Supposing there is a 240 µA current flowing into the divider, the value of the lower resistor
R17 can be calculated, and then the value of the upper resistance R5+R9.
Equation 8
The voltage on the multiplier pin with the selected component values is recalculated at a
minimum line voltage of 0.59 V and at maximum line voltage of 1.85 V. As a result, the
multiplier operates correctly within its linear region.
●
Pin9 COMP is the output of the E/A and also one of the two inputs of the multiplier. The
feedback compensation network, placed between this pin and INV (10), is a
capacitor C2 calculated as follows (considering that R6+R11 is the upper resistance of
voltage divider between the PFC bus and the COMP pin).
Equation 9
C2 has been set to a commercial value of 470//100 nF.
●
Pin10 INV: to implement the voltage control loop, a resistive divider (Figure 4) must be
connected between the regulated output voltage (VBUSpfc = 420 V) of the boost and the
pin. The internal reference on the non-inverting input of the E/A is 2.5 V so R6 and R11
(Figure 4) can then be selected fixing R18 to 18 kΩ.
Equation 10
●
Pin11 ZCD is the input to the zero current detector circuit. The ZCD pin is connected to
the auxiliary winding of the boost inductor through a limiting resistor R10. The ZCD
circuit is negative-going, edge-triggered: when the voltage on the pin falls below 0.7 V,
the PWM latch is set and the MOSFET is turned on. However, the circuit must first be
armed: prior to falling below 0.7 V, the voltage on pin 11 must experience a positive-
going, edge-exceeding 1.4 V (due to the MOSFET switching off). The maximum main-
to-auxiliary winding turn ratio (m) has to ensure that the voltage delivered to the pin
during the MOSFET's OFF time is sufficient to arm the ZCD circuit.
Equation 11
m has been set to 10.
Ω
=
+
⇒
Ω
=
⋅
ε
ε
−
=
+
Ω
=
⇒
Ω
=
μ
=
M
5
.
1
R
R
M
52
.
1
R
1
R
R
k
5
.
7
R
k
79
.
7
A
240
V
R
9
5
17
9
5
17
max
MULT
17
()
nF
530
R
R
2
10
C
11
6
2
=
+
⋅
π
⋅
=
1
5
.
2
V
R
R
R
BUSpfc
18
11
6
−
=
+
Ω
=
+
M
3
R
R
11
6
10
.
33
4
.
1
V
2
V
m
(max)
inRMS
BUSpfc
=
⋅
−
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com