Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3040 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3040
Description  This application note describes a demonstration board able to drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3040 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3040 Datasheet HTML 16Page - STMicroelectronics AN3040 Datasheet HTML 17Page - STMicroelectronics AN3040 Datasheet HTML 18Page - STMicroelectronics AN3040 Datasheet HTML 19Page - STMicroelectronics AN3040 Datasheet HTML 20Page - STMicroelectronics AN3040 Datasheet HTML 21Page - STMicroelectronics AN3040 Datasheet HTML 22Page - STMicroelectronics AN3040 Datasheet HTML 23Page - STMicroelectronics AN3040 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Experimental results
AN3040
20/27
Doc ID 16181 Rev 2
Figure 14.
Conducted emissions at 230 Vac 50 Hz - line 2 peak detector
4.4
Guidelines for connecting the four lamps to the ballast
The presence of four lamps involves several wires. The following is a simple schematic that
shows how to correctly connect all four lamps to the ballast.
Figure 15.
Connecting four lamps to the ballast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com