Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3040 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3040
Description  This application note describes a demonstration board able to drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3040 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3040 Datasheet HTML 8Page - STMicroelectronics AN3040 Datasheet HTML 9Page - STMicroelectronics AN3040 Datasheet HTML 10Page - STMicroelectronics AN3040 Datasheet HTML 11Page - STMicroelectronics AN3040 Datasheet HTML 12Page - STMicroelectronics AN3040 Datasheet HTML 13Page - STMicroelectronics AN3040 Datasheet HTML 14Page - STMicroelectronics AN3040 Datasheet HTML 15Page - STMicroelectronics AN3040 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Ballast design
AN3040
12/27
Doc ID 16181 Rev 2
3.2
PFC power section design
3.2.1
Input capacitor
The input high-frequency filter capacitor has to attenuate the switching noise due to the high
frequency inductor current ripple. The worst conditions will occur on the peak of the
minimum rated input voltage (Vinmin = 85 V). The following values have been established.
●
The coefficient of the maximum high-frequency voltage ripple r = 0.05.
●
Total system efficiency is possible. Taking into account a minimum half-bridge switching
frequency (fswmin) of 39 kHz and a total output power (PoutTOT) equal to
4*18 = 72 W, the input capacitor C4 can be determined by the following equation.
Equation 14
To obtain a good margin from fswmin, C4 has been set to 680 nF.
3.2.2
Output capacitor
The selection of the output bulk capacitor C1 depends on the DC output voltage, the
admitted overvoltage, the output power and the desired voltage ripple. With the following
values:
●
PFC output voltage VbusPFC = 420 V.
●
the coefficient of the low frequency (twice the mains frequency (fmain) = 50 Hz) voltage
ripple r1 = 0.05.
the bulk capacitor can be calculated as:
Equation 15
To obtain the smallest possible ripple and good reliability, a commercial capacitor C1 of
33 µF, 450 V has been used.
3.2.3
Boost inductor
The inductance Lpfc is usually determined so that the minimum switching frequency (fmin pfc)
is greater than the maximum frequency of the internal starter to ensure correct TM
operation. Considering the minimum suggested value for the PFC section (fmin pfc) is 20 kHz
and that this last can occur at either the maximum VinrmsMax = 265 V or the minimum
VinrmsMin = 85 V mains voltage, the inductor value is defined by:
Equation 16
nF
904
r
V
f
2
V
P
C
min
in
min
sw
min
in
outTOT
4
=
⋅
⋅
⋅
π
⋅
⋅
η
=
F
13
r
V
f
2
2
V
P
C
1
busPFC
main
busPFC
outTOT
1
μ
=
⋅
⋅
⋅
π
=
(
)
busPFC
out
pfc
min
inrms
busPFC
2
inrms
pfc
V
P
f
2
V
2
V
V
L
⋅
η
⋅
⋅
⋅
−
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com