Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3040 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3040
Description  This application note describes a demonstration board able to drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3040 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3040 Datasheet HTML 10Page - STMicroelectronics AN3040 Datasheet HTML 11Page - STMicroelectronics AN3040 Datasheet HTML 12Page - STMicroelectronics AN3040 Datasheet HTML 13Page - STMicroelectronics AN3040 Datasheet HTML 14Page - STMicroelectronics AN3040 Datasheet HTML 15Page - STMicroelectronics AN3040 Datasheet HTML 16Page - STMicroelectronics AN3040 Datasheet HTML 17Page - STMicroelectronics AN3040 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Ballast design
AN3040
14/27
Doc ID 16181 Rev 2
3.2.4
Power MOSFET
The choice of MOSFET relates mainly to its RDS(on), which depends on the output power
and its breakdown voltage, the latter being fixed by the output voltage Vbuspfc=420 V only,
plus the overvoltage VOVPpfc = 60 V allowed, and a safety margin.
The MOSFET's power dissipation depends on the conduction and switching losses.
Assuming maximum total power losses PlossesAdm = 1%, PoutTOT = 0.7 W, it easy to verify
that with the second-generation MDmeshTM V Power MOSFET STB12NM50N, the
estimated total MOSFET power losses PlossesEst are about = 0.5 W (worst case) and that
this was the correct choice.
3.2.5
Boost diode
The boost freewheeling diode is a fast recovery one. The breakdown voltage is fixed with the
same criterion as the MOSFET. The value of its DC and RMS current, needed to choose the
current rating of the diode, are reported.
Equation 17
Since the PFC works in transition mode, we have used the Turbo 2 ultrafast high-voltage
rectifier STTH1L06.
3.3
Design of the half-bridge inverter and choice of preheating
inductor
According to the criteria described in AN993 chapter 5 (design tips) with regard to the
design of the resonant circuit, the following values have been selected.
●
●
●
We have used the inductor 1646-0005 manufactured by MAGNETICA.
A SuperMESH3 power MOSFET STD7N52K3 has been inserted in the half-bridge section
to reduce the power losses.
For the preheating inductor, we have selected a common mode choke-type inductor with the
following features: Lpreh1 = Lpreh2 = 10 mH/250 V/1.4 A.
A
171
.
0
V
P
I
BUSpfc
outTOT
dc
2
D
=
=
A
53
.
0
V
V
9
2
4
I
2
2
I
BUSpfc
inrmsMin
inrmsMax
rms
2
D
=
⋅
π
⋅
⋅
=
L
res
L
1
L
2
2.2 mH
=
=
=
C
res
C
9
C
14
4.7nF 1600 V
,
=
=
=
C
block
C
12
C
15
100 nF 400 V
,
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com