Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3111 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3111
Description  18 W single-stage offline LED driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3111 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3111 Datasheet HTML 4Page - STMicroelectronics AN3111 Datasheet HTML 5Page - STMicroelectronics AN3111 Datasheet HTML 6Page - STMicroelectronics AN3111 Datasheet HTML 7Page - STMicroelectronics AN3111 Datasheet HTML 8Page - STMicroelectronics AN3111 Datasheet HTML 9Page - STMicroelectronics AN3111 Datasheet HTML 10Page - STMicroelectronics AN3111 Datasheet HTML 11Page - STMicroelectronics AN3111 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Circuit design
AN3111
8/23
Doc ID 16815 Rev 2
The frequency is:
Equation 5
The switching frequency varies during the line cycle, which is good for EMI.
The max. frequency occurs at peak input voltage:
Equation 6
The input power is:
Equation 7
Equation 8
The integration term of Equation 8 is a constant value, so the power is determined by Ipk
only. There is no simple solution form for the integration term. The average value of the input
voltage and duty cycle can be used to perform the estimation. After Ipk is calculated, the
inductance can be determined according to the desired switching frequency range.
The average input voltage over half-cycle at 120 VAC line is:
Equation 9
The average duty cycle is:
Equation 10
Therefore:
Equation 11
After the current is determined, it is necessary to choose the right inductance value. The
inductance affects the running frequency. The maximum switching frequency below 200 kHz
has been chosen.
)
Vout
)
(
Vin
)
(
Vin
*
Vout
(
Ipk
*
L
1
T
1
)
(
fsw
+
θ
θ
=
=
θ
)
Vout
Vpk
Vpk
*
Vout
(
Ipk
*
L
1
max
fsw
+
=
dt
)
(
fsw
*
Ipk
*
L
*
2
1
P
2
0
θ
=
∫
π
θ
θ
θ
=
∫
π
d
)
(
Vin
*
)
(
D
*
Ipk
*
2
1
P
0
=
θ
θ
=
∫
π
0
d
)
sin(
*
Vpk
Vave
108 V
=
+
=
Vout
Vave
Vout
Dave
0.333
=
=
Dave
*
Vave
*
2
1
Pin
Ipk
1.2 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com