Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3111 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3111
Description  18 W single-stage offline LED driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3111 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3111 Datasheet HTML 13Page - STMicroelectronics AN3111 Datasheet HTML 14Page - STMicroelectronics AN3111 Datasheet HTML 15Page - STMicroelectronics AN3111 Datasheet HTML 16Page - STMicroelectronics AN3111 Datasheet HTML 17Page - STMicroelectronics AN3111 Datasheet HTML 18Page - STMicroelectronics AN3111 Datasheet HTML 19Page - STMicroelectronics AN3111 Datasheet HTML 20Page - STMicroelectronics AN3111 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AN3111
STEVAL-ILL027V2 demonstration board
Doc ID 16815 Rev 2
17/23
3.4
Measurement
Figure 11
, 12 and 13 show output LED current and voltage waveforms. The LED current is
slightly changed with input voltage, because it is 354 mA for 230 V, 318 mA for 180 V and
358 mA for 260 V. The LED current vs. input voltage characteristic is demonstrated in
Figure 18
.
Figure 11.
Output LED current and voltage for input voltage 230 V / 50 Hz
Figure 12.
Output LED current and voltage for input voltage 180 V / 50 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com