Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3111 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3111
Description  18 W single-stage offline LED driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3111 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3111 Datasheet HTML 6Page - STMicroelectronics AN3111 Datasheet HTML 7Page - STMicroelectronics AN3111 Datasheet HTML 8Page - STMicroelectronics AN3111 Datasheet HTML 9Page - STMicroelectronics AN3111 Datasheet HTML 10Page - STMicroelectronics AN3111 Datasheet HTML 11Page - STMicroelectronics AN3111 Datasheet HTML 12Page - STMicroelectronics AN3111 Datasheet HTML 13Page - STMicroelectronics AN3111 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Circuit design
AN3111
10/23
Doc ID 16815 Rev 2
The efficiency of the circuit is 88%, and the power factor is 0.85. Key waveforms are shown
in the figures below.
Figure 5
shows the envelope of inductor current and input signal at the MULT pin.
Figure 5.
Inductor current and multiplier input
Figure 6
shows the input voltage and current.
Figure 6.
Input voltage and input current
Figure 7
shows output LED current and voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com