Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3111 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3111
Description  18 W single-stage offline LED driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3111 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3111 Datasheet HTML 1Page - STMicroelectronics AN3111 Datasheet HTML 2Page - STMicroelectronics AN3111 Datasheet HTML 3Page - STMicroelectronics AN3111 Datasheet HTML 4Page - STMicroelectronics AN3111 Datasheet HTML 5Page - STMicroelectronics AN3111 Datasheet HTML 6Page - STMicroelectronics AN3111 Datasheet HTML 7Page - STMicroelectronics AN3111 Datasheet HTML 8Page - STMicroelectronics AN3111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
February 2011
Doc ID 16815 Rev 2
1/23
AN3111
Application note
18 W single-stage offline LED driver
Introduction
With the rapid development of high brightness LEDs, SSL (solid state lighting) has begun to
move from being a niche market to penetrating residential markets. There is a large
potential market for the residential application of SSL, and CFL (compact fluorescent lamp)
retro-fit is part of it. Standardization of SSL products is helping to lead the growth of the
market. In September 2007, the US department of energy (DOE) issued ENERGY STAR®
criteria for SSL products. To meet the ENERGY STAR specifications for SSL products, the
power factor of power supply must be higher than 0.7 for residential applications. For CFL
retro-fit applications, cost, size, and reliability are very important. To achieve a high power
factor, either passive PFC (power factor correction) or active PFC can be used. Typically,
passive PFC requires large passive components, which makes it difficult to maintain a small
size. Traditional active PFC circuits require a two-stage topology, which entails a boost stage
for PFC, and then buck or flyback for current regulation of the LEDs. The cost of the two
stages is high. In this application note, a non-isolated, soft-switched, single-stage high
power factor offline LED driver is introduced. The buck-boost converter is chosen for this
application due to its simplicity and low cost. The converter operates with constant peak
current for constant power control, and in transition mode (boundary mode between CCM
and DCM) to achieve soft switching, using the L6562A controller. High power factor is
achieved by reshaping the peak current near the zero crossing of the input AC line.
Figure 1.
18 W single-stage offline LED driver board
For this particular design, the LED string consists of 18, 1 W white LEDs in series. Isolation
is not required. The goal of the design is high power factor, high efficiency, simplicity, and
low cost.
www.st.com


Similar Part No. - AN3111

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN311 SILABS-AN311 Datasheet
118Kb / 4P
CP2120 PORTING GUIDE
logo
STMicroelectronics
AN3110 STMICROELECTRONICS-AN3110 Datasheet
276Kb / 10P
Using the STVM100 to automatically adjust VCOM voltage in e-paper
07-Jan-2010
AN3112 STMICROELECTRONICS-AN3112 Datasheet
727Kb / 36P
Solution for designing a fixed off-time controlled PFC pre-regulator
09-Feb-2011
AN3114 STMICROELECTRONICS-AN3114 Datasheet
717Kb / 43P
This application note describes techniques for connecting
08-Nov-2012
AN3115 STMICROELECTRONICS-AN3115 Datasheet
875Kb / 28P
LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
28-Jan-2011
More results

Similar Description - AN3111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL7732MF116 FAIRCHILD-FL7732MF116 Datasheet
1Mb / 13P
Single-Stage PFC Primary-Side-Regulation Offline LED Driver
logo
ON Semiconductor
NCL30060 ONSEMI-NCL30060 Datasheet
686Kb / 15P
High PF Offline Single Stage LED Driver
May, 2014 ??Rev. 0
logo
Unisonic Technologies
UCL2300 UTC-UCL2300 Datasheet
188Kb / 5P
PSR SINGLE-STAGE APFC OFFLINE LED DRIVER
logo
ON Semiconductor
NCL30060 ONSEMI-NCL30060_16 Datasheet
688Kb / 15P
High PF Offline Single Stage LED Driver
July, 2016 ??Rev. 4
NCL30060 ONSEMI-NCL30060_17 Datasheet
689Kb / 15P
High PF Offline Single Stage LED Driver
November, 2017 ??Rev. 6
NCL30060 ONSEMI-NCL30060_18 Datasheet
733Kb / 15P
High PF Offline Single Stage LED Driver
April, 2018 ??Rev. 8
FLS3217 ONSEMI-FLS3217 Datasheet
430Kb / 15P
Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
logo
Unisonic Technologies
UCL2310 UTC-UCL2310 Datasheet
197Kb / 7P
PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
logo
Bright Power Semiconduc...
BP3316D BPS-BP3316D Datasheet
146Kb / 2P
PSR Single-Stage APFC Offline LED Driver
BP3309 BPS-BP3309 Datasheet
378Kb / 8P
PSR Single-Stage APFC Offline LED Controller
Rev 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com