Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3111 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3111
Description  18 W single-stage offline LED driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3111 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3111 Datasheet HTML 10Page - STMicroelectronics AN3111 Datasheet HTML 11Page - STMicroelectronics AN3111 Datasheet HTML 12Page - STMicroelectronics AN3111 Datasheet HTML 13Page - STMicroelectronics AN3111 Datasheet HTML 14Page - STMicroelectronics AN3111 Datasheet HTML 15Page - STMicroelectronics AN3111 Datasheet HTML 16Page - STMicroelectronics AN3111 Datasheet HTML 17Page - STMicroelectronics AN3111 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
STEVAL-ILL027V2 demonstration board
AN3111
14/23
Doc ID 16815 Rev 2
3
STEVAL-ILL027V2 demonstration board
An original demonstration board (STEVAL-ILL027V1) was redesigned in order to
demonstrate this design concept also for the EU input voltage range. In fact, it means that
the board can operate with the input voltage between 188 V and 265 V AC. The LED
constant current is again set to 350 mA using the same output LED power 18 W. All required
board modifications and measurements, comparing with the STEVAL-ILL027V1, are
described in the following sections. The demonstration board for the EU input voltage range
has the order code; STEVAL-ILL027V2.
3.1
Schematic diagram
Figure 10.
STEVAL-ILL027V2 schematic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com