Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3981 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 18Page - STMicroelectronics AN3981 Datasheet HTML 19Page - STMicroelectronics AN3981 Datasheet HTML 20Page - STMicroelectronics AN3981 Datasheet HTML 21Page - STMicroelectronics AN3981 Datasheet HTML 22Page - STMicroelectronics AN3981 Datasheet HTML 23Page - STMicroelectronics AN3981 Datasheet HTML 24Page - STMicroelectronics AN3981 Datasheet HTML 25Page - STMicroelectronics AN3981 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
16-bit LED array drivers
AN3981
22/54
Doc ID 022217 Rev 1
The error detection process can be divided into three phases:
1.
Entering detection mode. From “normal mode” the device can enter “error mode”
through a logic key (Figure 23), which is a logic sequence of the
and LE/DM1
signals over five CLK cycles. After these five CLK cycles, the device is in “error
detection mode” and ready for sampling data on the SDI pin
2.
Error detection. Once the device has entered “error detection mode”, an 8-bit string
should be loaded into the shift register through the SDI pin in order to set the outputs in
accordance with the diagnostic demands (only the outputs that are on are checked by
the error detection process). Therefore, if the user wants to check all the outputs, a
string with all “1” must be sent. After that the outputs are ready for the detection
process, which starts when
is set low. The device drives LEDs in order to
analyze if an open or short condition has occurred. The
must remain low for
at least 1 µs to complete the detection process. As shown in Figure 25, during the
detection process, at least three clock pulses are necessary: two pulses as soon as the
is set low, one clock pulse before ending the detection process.
Once the
is set high, the error status code is available at the SDO pin. To
download the complete error string, at least 8 clock pulses are necessary
3.
Resuming normal mode. The device quits detection mode and returns to normal mode
through an exit logic key (Figure 24), a logic sequence over five clock pulses.
For proper device operation, the entering sequence must be followed by a resuming
sequence as it is not possible to insert consecutive equal sequences.
Figure 25 shows an example of error detection where OUT15 and OUT0 are faulty, whereas
all other outputs are considered good.
OE DM2
⁄
OE DM2
⁄
OE DM2
⁄
OE DM2
⁄
OE
R
–
OE DM2
⁄
Figure 23.
Digital key for entering error
detection mode in 16-bit LED
drivers
Figure 24.
Digital key for exiting error
detection mode in 16-bit LED
drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com