Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3981 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 41Page - STMicroelectronics AN3981 Datasheet HTML 42Page - STMicroelectronics AN3981 Datasheet HTML 43Page - STMicroelectronics AN3981 Datasheet HTML 44Page - STMicroelectronics AN3981 Datasheet HTML 45Page - STMicroelectronics AN3981 Datasheet HTML 46Page - STMicroelectronics AN3981 Datasheet HTML 47Page - STMicroelectronics AN3981 Datasheet HTML 48Page - STMicroelectronics AN3981 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
AN3981
Common application information
Doc ID 022217 Rev 1
45/54
Figure 55.
Example showing how to perform a PWM dimming separately for each
channel
For 20 PWM steps (resulting in 80 clock pulses), all outputs are on. Then the blue is
switched off and for a further 25 PWM steps only green and red are kept on.
From the 46th step on, the green is the only one to remain on for 20 PWM steps. After that
all outputs are switched off for the remaining 35 PWM steps, which complete the PWM
dimming period.
This way to perform the PWM dimming requires the proper choice of data clock frequency in
order to achieve a correct PWM frequency.
A correct PWM frequency means a frequency higher than the frequency perceived by the
human eye:
Equation 17
where fDIMM is the PWM dimming frequency (inverse of the PWM dimming period) and fDIM
is the minimum frequency to prevent the human eye from perceiving the switching of the
light.
The PWM dimming frequency depends on the desired number of PWM steps (n_steps), the
number of channels of the considered LED driver (n_ch) and the data clock frequency
(fCLK):
Equation 18
Therefore the choice of the data clock frequency should comply with the following condition:
LIM
DIMM
f
f
≥
ch
_
n
steps
_
n
f
f
CLK
DIMM
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com