Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3981 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 42Page - STMicroelectronics AN3981 Datasheet HTML 43Page - STMicroelectronics AN3981 Datasheet HTML 44Page - STMicroelectronics AN3981 Datasheet HTML 45Page - STMicroelectronics AN3981 Datasheet HTML 46Page - STMicroelectronics AN3981 Datasheet HTML 47Page - STMicroelectronics AN3981 Datasheet HTML 48Page - STMicroelectronics AN3981 Datasheet HTML 49Page - STMicroelectronics AN3981 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
Common application information
AN3981
46/54
Doc ID 022217 Rev 1
Equation 19
Assuming a dimming frequency higher than 100 Hz, to use a 16-bit LED driver and to
require a brightness regulation from 0% to 100% in 0.1% steps, the minimum data clock
frequency should be 1.6 MHz.
5.5
Short detection between adjacent pins
When the device is soldered on the application board, undesired short-circuits between
adjacent pins can occur.
A strategy to detect these anomalous conditions (although it works only for OUT pins) is
provided for those devices that can perform faulty LED detection (STP08DP05,
STP16DP05, STP16DPS05, STP16DPPS05 and STP24DP05).
This method is successful if the forward voltage of the LEDs connected to the outputs does
not vary in a wide range.
The detection of the possible short-circuit (in this example a short-circuit between the
OUT10 and OUT11 pins is assumed) is performed in the following steps:
1.
All even outputs are set ON and an error detection is performed. Since OUT10 and
OUT11 are shorted, the current of the generator of the output 10 (the only one turned
on) is shared between LEDs connected to OUT10 and OUT11 (see Figure 56 a),
resulting in a lower voltage drop across those LEDs (and also lower brightness) and
higher voltage drop across both current generators (pins OUT10 and OUT11).
The result of the faulty LED detection is shown below the schematic of Figure 56 a.
2.
The common LED rail voltage (VLED) is progressively increased while performing a
continuous LED error detection, until a new output is detected as faulty (OUT10). In
fact, it is considered as if it were connected to a shorted LED, since the forward voltage
of the LED is lower (half current compared to other channels) and, consequently, the
voltage across the current generator exceeds the short detection threshold.
Considering the error status code, the conclusion is that a short-circuit can be present
between OUT9 and OUT10 or OUT10 and OUT11.
3.
To detect where the short is placed, the previous actions are repeated also for odd
outputs (see Figure 56 b). A new error status code is obtained.
4.
Comparing the two status codes, it is possible to exactly understand where the short-
circuit is placed (see Figure 56 c).
Figure 57
shows a possible implementation of the above described strategy.
LIM
CLK
f
ch
_
n
steps
_
n
f
⋅
⋅
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com