Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3981 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 37Page - STMicroelectronics AN3981 Datasheet HTML 38Page - STMicroelectronics AN3981 Datasheet HTML 39Page - STMicroelectronics AN3981 Datasheet HTML 40Page - STMicroelectronics AN3981 Datasheet HTML 41Page - STMicroelectronics AN3981 Datasheet HTML 42Page - STMicroelectronics AN3981 Datasheet HTML 43Page - STMicroelectronics AN3981 Datasheet HTML 44Page - STMicroelectronics AN3981 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
AN3981
Common application information
Doc ID 022217 Rev 1
41/54
5.2
Daisy chain connection
In real applications, typically, the number of LEDs to drive leads to the use of more drivers.
A common configuration (daisy chain) of the drivers is shown in Figure 50. This way to
connect the drivers implies that all ICs in the chain share some serial interface signals, like
CLK, LE and
.
Figure 50.
LED drivers connected in daisy chain configuration
All data go through each device of the chain. Every time the information (displayed by LEDs)
must be updated, the data packet to load contains a number of bits equal to the number of
bits necessary for each device (4, 8, 16 or 24) multiplied by the number of devices contained
in the chain, as shown in Figure 51.
Figure 48.
Thermal performance of the
TSSOP- 24
Figure 49.
Thermal performance of the
HTSSOP - 24
AM10648v1
111.3°C
Hottest spot on package surface
TSSOP-24
AM10649v1
Hottest spot on package surface
HTSSOP-24
80.2°C
OE
AM10650v1
SDI
CLK
LE
OE
µC
3
….
OUT0
OUTn
STPxPyy05
IC#1
VDD
R-EXT
GND
SDI
CLK
LE
OE
….
OUT0
OUTn
STPxPyy05
IC#m
VLED
SDO
VDD
R-EXT
GND
….
….



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com