Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3981 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 31Page - STMicroelectronics AN3981 Datasheet HTML 32Page - STMicroelectronics AN3981 Datasheet HTML 33Page - STMicroelectronics AN3981 Datasheet HTML 34Page - STMicroelectronics AN3981 Datasheet HTML 35Page - STMicroelectronics AN3981 Datasheet HTML 36Page - STMicroelectronics AN3981 Datasheet HTML 37Page - STMicroelectronics AN3981 Datasheet HTML 38Page - STMicroelectronics AN3981 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
AN3981
Common application information
Doc ID 022217 Rev 1
35/54
Moreover the extra voltage across the red LEDs driving generators may cause an erroneous
shorted LED condition detection.
To avoid these drawbacks, two different approaches are possible:
1.
Figure 41 shows an application with only one voltage rail (VLED). A resistor in series to
each red LED is added. In this way, the voltage excess drops across the resistor
instead of dropping across the current generators. This solution implies a significant
reduction of the power dissipated by the chip. However the total power dissipation does
not change and a large part of the power is still wasted on the series resistor.
This not only affects the efficiency, but also raises the cost of the system due to the need to
dissipate the generated heat.
Figure 41.
Solution with single supply voltage
2.
Figure 42 shows a solution with two separate voltage rails: one for blue and green
LEDs (VLED) and one for red LEDs (VLED_RED), which can be derived from the
former (e.g. simply using a switching regulator).
This solution is by far the most advantageous in terms of power dissipation. Voltage rails are
tailored to the type of LEDs they drive and the wasted power is significantly reduced as well
as the heat produced.
AM10641v1
STP1612PW05
OUT0
OUT15
V
O,red
V
F,red
……
STP1612PW05
V
O,green
V
F,green
OUT0
OUT15
……
STP1612PW05
V
O,blue
V
F,blue
OUT0
OUT15
……
STP1612PW05
OUT0
OUT15
V
O,red
V
F,red
……
STP1612PW05
V
O,green
V
F,green
OUT0
OUT15
……
STP1612PW05
V
O,green
V
F,green
OUT0
OUT15
……
STP1612PW05
V
O,blue
V
F,blue
OUT0
OUT15
……
STP1612PW05
V
O,blue
V
F,blue
OUT0
OUT15
……
STP1612PW05
OUT0
OUT15
V
O,red
V
F,red
……
STP1612PW05
V
O,green
V
F,green
OUT0
OUT15
……
STP1612PW05
V
O,blue
V
F,blue
OUT0
OUT15
……
STP1612PW05
OUT0
OUT15
V
O,red
V
F,red
……
STP1612PW05
V
O,green
V
F,green
OUT0
OUT15
……
STP1612PW05
V
O,green
V
F,green
OUT0
OUT15
……
STP1612PW05
V
O,blue
V
F,blue
OUT0
OUT15
……
STP1612PW05
V
O,blue
V
F,blue
OUT0
OUT15
……
to SDI of
the next
device
from SDO of
the previous
device
to SDI of
the next
device
from SDO of
the previous
device
to SDI of
the next
device
from SDO of
the previous
device
SDO
SDI
SDO
SDI
SDO
SDI
VLED = 5V
VLED_RED = 3.3V
V
O,green
V
O,blue
V
O,red
VLED
V
F,green
V
F,blue
V
F,red
VLED_RED
voltage
regulator
VLED_RED
3.3V
VLED
5V
STPxx..yy05
STPxx..yy05
STPxx..yy05
STPxx..yy05
STPxx..yy05
STPxx..yy05
STP1612PW05
OUT0
OUT15
V
O,red
V
F,red
……
STP1612PW05
V
O,green
V
F,green
OUT0
OUT15
……
STP1612PW05
V
O,blue
V
F,blue
OUT0
OUT15
……
STP1612PW05
OUT0
OUT15
V
O,red
V
F,red
……
STP1612PW05
V
O,green
V
F,green
OUT0
OUT15
……
STP1612PW05
V
O,green
V
F,green
OUT0
OUT15
……
STP1612PW05
V
O,blue
V
F,blue
OUT0
OUT15
……
STP1612PW05
V
O,blue
V
F,blue
OUT0
OUT15
……
STP1612PW05
OUT0
OUT15
V
O,red
V
F,red
……
STP1612PW05
V
O,green
V
F,green
OUT0
OUT15
……
STP1612PW05
V
O,blue
V
F,blue
OUT0
OUT15
……
STP1612PW05
OUT0
OUT15
V
O,red
V
F,red
……
STP1612PW05
V
O,green
V
F,green
OUT0
OUT15
……
STP1612PW05
V
O,green
V
F,green
OUT0
OUT15
……
STP1612PW05
V
O,blue
V
F,blue
OUT0
OUT15
……
STP1612PW05
V
O,blue
V
F,blue
OUT0
OUT15
……
to SDI of
the next
device
from SDO of
the previous
device
to SDI of
the next
device
from SDO of
the previous
device
to SDI of
the next
device
from SDO of
the previous
device
SDO
SDI
SDO
SDI
SDO
SDI
VLED = 5V
VLED_RED = 3.3V
V
O,green
V
O,blue
V
O,red
VLED
V
F,green
V
F,blue
V
F,red
VLED_RED
V
O,green
V
O,blue
V
O,red
VLED
V
F,green
V
F,blue
V
F,red
VLED_RED
voltage
regulator
VLED_RED
3.3V
VLED
5V
STPxx..yy05
STPxx..yy05
STPxx..yy05
STPxx..yy05
STPxx..yy05
STPxx..yy05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com