Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4164 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4164
Description  This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4164 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4164 Datasheet HTML 1Page - STMicroelectronics AN4164 Datasheet HTML 2Page - STMicroelectronics AN4164 Datasheet HTML 3Page - STMicroelectronics AN4164 Datasheet HTML 4Page - STMicroelectronics AN4164 Datasheet HTML 5Page - STMicroelectronics AN4164 Datasheet HTML 6Page - STMicroelectronics AN4164 Datasheet HTML 7Page - STMicroelectronics AN4164 Datasheet HTML 8Page - STMicroelectronics AN4164 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
February 2013
Doc ID 023660 Rev 1
1/38
AN4164
Application note
STEVAL-ISA113V1: 12 V/4 W, 115 kHz non-isolated flyback
By Mirko Sciortino
Introduction
This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
with the new VIPer06 offline high voltage converter by STMicroelectronics.
The features of the device are:
■ 800 V avalanche rugged power section
■ PWM operation at 115 kHz with frequency jittering for lower EMI
■ Limiting current with adjustable set point
■ Onboard soft-start
■ Safe auto-restart after a fault condition (overload, short-circuit)
■ SSO-10 package
Moreover, the VIPER06 does not require a biasing circuit to operate because the IC can be
supplied by an internal current generator, therefore saving the cost of the transformers
auxiliary winding (self-biasing). If the device is biased through an auxiliary winding or
through a diode connected to the output (external biasing), it can reach very low standby
consumption (< 50 mW at 265 VAC).
Both cases are treated in the present document.
The available protection features are: thermal shutdown with hysteresis, delayed overload
protection, and open loop failure protection (the last is available only if the IC is externally
biased).
Figure 1.
Demonstration board image
www.st.com


Similar Part No. - AN4164

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
TVS devices for power line communication applications
30-Jun-2014
AN4163 STMICROELECTRONICS-AN4163 Datasheet
3Mb / 33P
This application note describes the demonstration board EVL4984-350W
20-Jun-2013
AN4165 STMICROELECTRONICS-AN4165 Datasheet
3Mb / 37P
This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
18-Feb-2013
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
PCB design guidelines for the SPIRIT1 transceiver
18-Oct-2012
More results

Similar Description - AN4164

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
This document describes
26-Aug-2011
AN4106 STMICROELECTRONICS-AN4106 Datasheet
3Mb / 39P
This document describes a 12 V-1 A power supply
16-Oct-2012
AN4116 STMICROELECTRONICS-AN4116 Datasheet
3Mb / 38P
This document describes a 12 V-350 mA power supply
23-Jan-2013
AN4165 STMICROELECTRONICS-AN4165 Datasheet
3Mb / 37P
This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
18-Feb-2013
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
This document describes
20-Sep-2011
logo
FSP TECHNOLOGY INC.
FSP350-50ARN FSP-FSP350-50ARN_15 Datasheet
201Kb / 1P
specification describes a 350 watts power supply.
FSP350-50ERN FSP-FSP350-50ERN_15 Datasheet
214Kb / 1P
specification describes a 350 watts power supply.
FSP350-60APN85 FSP-FSP350-60APN85_15 Datasheet
122Kb / 1P
specification describes a 350 watts power supply.
FSP350-60EGN FSP-FSP350-60EGN_15 Datasheet
146Kb / 1P
specification describes a 350 watts power supply.
FSP350-60EPN80 FSP-FSP350-60EPN80_15 Datasheet
136Kb / 1P
specification describes a 350 watts power supply.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com