Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4164 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4164
Description  This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4164 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4164 Datasheet HTML 6Page - STMicroelectronics AN4164 Datasheet HTML 7Page - STMicroelectronics AN4164 Datasheet HTML 8Page - STMicroelectronics AN4164 Datasheet HTML 9Page - STMicroelectronics AN4164 Datasheet HTML 10Page - STMicroelectronics AN4164 Datasheet HTML 11Page - STMicroelectronics AN4164 Datasheet HTML 12Page - STMicroelectronics AN4164 Datasheet HTML 13Page - STMicroelectronics AN4164 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Schematic and bill of material
AN4164
10/38
Doc ID 023660 Rev 1
Table 2.
Bill of material
Ref.
Part
Description
Package
Manufacturer
Cin1
2.2 µF, 400 V NHG series electrolytic capacitor
Cin2
4. 7 µF, 400 V AX series electrolytic capacitor
Saxon
CVDD
1 µF, 50 V electrolytic capacitor
1206
Murata
Cfilt1
100 nF, 50 V ceramic capacitor
0805
Cfilt2
Not mounted
Cc
10 nF, 50 V ceramic capacitor
1206
Cp
1 nF, 50 V ceramic capacitor
1206
Cfb
1 nF, 50 V ceramic capacitor
0805
Cout
330 µF, 16 V ZL series ultra-low ESR electrolytic cap.
Rubycon
D0
MB6S
600 V 1 A diode bridge
TO-269AA
Vishay
D2
STPS2H100
100 V, 2 A, power schottky rectifier
SMA
ST
Daux
1N4148W
Surface mount fast switching diode
SOD-123
Zetex
R0
4.7
Ω 3/4 W resistor
RLIM
15 k
Ω 5% 1/4 W resistor
0805
Rc
47 k
Ω 5% 1/4 W resistor
0805
RfbH1
33 k
Ω 1% 1/4 W resistor
0805
RfbH2
0
Ω
1206
RfbL1
12 k
Ω 1% 1/4 W resistor
1206
RfbL2
0.47 k
Ω 1% 1/4 W resistor
0805
IC1
VIPer06HS
Offline high-voltage PWM controller
SSO-10
ST
T1
1921.0040
Transformer
Magnetica
Lin
B82144A2105J 1 mH inductor LBC series
Epcos
Figure 3.
VDD waveforms IC externally biased
(J1 selected)
Figure 4.
VDD waveforms IC self-biased
(J1 not selected)
AM13329v1
AM13330v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com