Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4164 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4164
Description  This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4164 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4164 Datasheet HTML 21Page - STMicroelectronics AN4164 Datasheet HTML 22Page - STMicroelectronics AN4164 Datasheet HTML 23Page - STMicroelectronics AN4164 Datasheet HTML 24Page - STMicroelectronics AN4164 Datasheet HTML 25Page - STMicroelectronics AN4164 Datasheet HTML 26Page - STMicroelectronics AN4164 Datasheet HTML 27Page - STMicroelectronics AN4164 Datasheet HTML 28Page - STMicroelectronics AN4164 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
AN4164
Feedback loop calculation guidelines
Doc ID 023660 Rev 1
25/38
At this point the bode diagram of G1(f)*C(f) can be plotted, in order to check the phase
margin for the stability. If the margin is not high enough, another choice for fZc, fPc and
fcross_sel should be made, and the procedure repeated. When the stability is ensured, the
next step is to find the values of the schematic components, which can be calculated, using
the above formulas, as follows:
Equation 10
Equation 11
Equation 12
Equation 13
1
3
.
3
−
=
V
Vout
RfbH
RfbL
Rf bH
RfbL
RfbL
C
Gm
fPc
fZc
Cp
+
⋅
⋅
=
0
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
⋅
=
1
fZc
fPc
Cp
Cc
Cp
Cc
fPc
Cp
Cc
Rc
⋅
⋅
⋅
⋅
+
=
π
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com