Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4164 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4164
Description  This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4164 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4164 Datasheet HTML 25Page - STMicroelectronics AN4164 Datasheet HTML 26Page - STMicroelectronics AN4164 Datasheet HTML 27Page - STMicroelectronics AN4164 Datasheet HTML 28Page - STMicroelectronics AN4164 Datasheet HTML 29Page - STMicroelectronics AN4164 Datasheet HTML 30Page - STMicroelectronics AN4164 Datasheet HTML 31Page - STMicroelectronics AN4164 Datasheet HTML 32Page - STMicroelectronics AN4164 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
AN4164
EMI measurements
Doc ID 023660 Rev 1
29/38
9
EMI measurements
A pre-compliance test to the EN55022 (class B) european normative has been performed
using an EMC analyzer and an LISN. Average measurements are reported in the following
figures.
Figure 47.
Average measurements at full load, TAMB=25 ° C, 115 VAC, IC externally
biased
Figure 48.
Average measurements at full load, TAMB=25 ° C, 230 VAC, IC externally
biased
AM13351v1
AM13352v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com