Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4164 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4164
Description  This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4164 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4164 Datasheet HTML 10Page - STMicroelectronics AN4164 Datasheet HTML 11Page - STMicroelectronics AN4164 Datasheet HTML 12Page - STMicroelectronics AN4164 Datasheet HTML 13Page - STMicroelectronics AN4164 Datasheet HTML 14Page - STMicroelectronics AN4164 Datasheet HTML 15Page - STMicroelectronics AN4164 Datasheet HTML 16Page - STMicroelectronics AN4164 Datasheet HTML 17Page - STMicroelectronics AN4164 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Testing the board
AN4164
14/38
Doc ID 023660 Rev 1
5.3
Burst mode and output voltage ripple
When the converter is lightly loaded, the COMP pin voltage decreases. As it reaches the
shutdown threshold, VCOMPL (1.1 V, typical), the switching is disabled and the energy is
not transferred to the secondary side anymore. At this point, the feedback reaction to the
stop of the energy delivery makes the COMP pin voltage increase again. As it rises 40 mV
above the VCOMPL threshold, the normal switching operation is resumed. This results in a
controlled on/off operation which is referred to as “burst mode”. This mode of operation
keeps the frequency-related losses low when the load is very light or disconnected, making
it easier to comply with energy saving regulations.
The figures below show the output voltage ripple when the converter is no/lightly loaded and
supplied with 115 VAC and with 230 VAC respectively.
Figure 17.
Output voltage ripple at 115 VAC
no load
Figure 18.
Output voltage ripple at 230 VAC
no load
AM11692v1
AM11693v1
Figure 19.
Output voltage ripple at 115 VAC
25 mA
Figure 20.
Output voltage ripple at 230 VAC
25 mA
AM11694v1
AM11695v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com